Electronic Components Datasheet Search
  English  ▼

X  

TLC876IPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC876IPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876IPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC876IPWR Datasheet HTML 13Page - Texas Instruments TLC876IPWR Datasheet HTML 14Page - Texas Instruments TLC876IPWR Datasheet HTML 15Page - Texas Instruments TLC876IPWR Datasheet HTML 16Page - Texas Instruments TLC876IPWR Datasheet HTML 17Page - Texas Instruments TLC876IPWR Datasheet HTML 18Page - Texas Instruments TLC876IPWR Datasheet HTML 19Page - Texas Instruments TLC876IPWR Datasheet HTML 20Page - Texas Instruments TLC876IPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
ac considerations
(continued)
Several useful reference configurations can be used depending on the application, desired level of accuracy,
and cost tradeoffs. The simplest configuration, shown in Figure 19, utilizes a resistor divider to generate the
reference voltages from the converters analog power supply. The 0.1
µF bypass capacitors reduce high
frequency transients. The 10
µF capacitors reduce the impedances at the REFTF and REFBF terminals at lower
frequencies; however, as input frequencies approach dc, the capacitors become ineffective, and small voltage
deviations appear across the biasing resistors. This reference method maintains 10-bit accuracy for input
frequencies above approximately 200 Hz and 8-bit accuracy applications for input frequencies above
approximately 50 Hz.
10
µF
0.1
µF
10
µF
0.1
µF
140
Ω (± 1%)
NC
NC
REFTS
REFTF
REFBF
REFBS
250
Ω (± 1%)
5 V
4 V
2 V
TLC876
NC – No connect
500
Ω
Figure 19. Low Cost Reference Circuit
The reference configuration in Figure 19 provides the lowest cost, but the disadvantages include reduced dc
power supply rejection and reduced accuracy due to the variability of the internal and external resistors.
The force-sense reference connections can eliminate the voltage drops associated with the internal
connections to the reference ladder. Figure 20 shows a circuit using a dual, rail-to-rail single-supply operational
amplifier. The operational amplifier should provide stable 3.6 V and 1.6 V reference voltages. Each half of the
amplifier is compensated to drive 1
µF and 0.1 µF decoupling capacitors at the REFTF and REFBF terminals
maintaining stability. The operational amplifiers are connected as voltage followers.
By connecting the operational amplifier feedback through the sense connections of the TLC876, the outputs
of the operational amplifiers automatically adjust to compensate for the voltage drops that occur within the
converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com