Electronic Components Datasheet Search
  English  ▼

X  

TLK3114SC Datasheet(PDF) 49 Page - Texas Instruments

Part # TLK3114SC
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SC Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLK3114SC Datasheet HTML 45Page - Texas Instruments TLK3114SC Datasheet HTML 46Page - Texas Instruments TLK3114SC Datasheet HTML 47Page - Texas Instruments TLK3114SC Datasheet HTML 48Page - Texas Instruments TLK3114SC Datasheet HTML 49Page - Texas Instruments TLK3114SC Datasheet HTML 50Page - Texas Instruments TLK3114SC Datasheet HTML 51Page - Texas Instruments TLK3114SC Datasheet HTML 52Page - Texas Instruments TLK3114SC Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
3−31
Table 3−24. Channel Synchronization Status Register (Register 23)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:5
Reserved
Read returns all 0s.
Read-only
4
Channel align flag
1 = Channel deskew circuit has realigned to a K28.3 /A/ code word on all channels.
0 = No /A/ has been detected.
After being read, this bit is reset to 0.
Read-only
3
Channel D receive FIFO
collision error
1 = Collision error is detected to cause the receive FIFO self reset.
0 = No error.
After being read, this bit is reset to 0.
Read-only
2
Channel C receive FIFO
collision error
1 = Collision error is detected to cause the receive FIFO self reset.
0 = No error.
After being read, this bit is reset to 0.
Read-only
1
Channel B receive FIFO
collision error
1 = Collision error is detected to cause the receive FIFO self reset.
0 = No error.
After being read, this bit is reset to 0.
Read-only
0
Channel A receive FIFO
collision error
1 = Collision error is detected to cause the receive FIFO self reset.
0 = No error.
After being read, this bit is reset to 0.
Read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com