Electronic Components Datasheet Search
  English  ▼

X  

1551891-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1551891-1
Description  z-Quad Small Form-factor Pluggable Plus (zQSFP) Interconnect System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1551891-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1551891-1 Datasheet HTML 1Page - Tyco Electronics 1551891-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TE Technical Support Center
Internet:
te.com/help
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company. All Rights Reserved.
5-1773463-0 CIS LUG PDF 03/2012
TE Connectivity and the TE connectivity (logo) are
trademarks. Other logos, product and company names
mentioned herein may be trademarks of their respective
owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is error-free, nor does TE make
any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the
information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not
limited to, any implied warranties of merchantability or fitness for a particular purpose. The dimensions in this brochure are for reference purposes only and are subject
to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
APPLICATIONS
Telecommunications: Servers, switches, access routers and switches, and
•
cellular infrastructure
Data Center: Servers and storage
•
Medical: Diagnostic equipment
•
Networking: Network interface, routers, switches and storage
•
Test and measurement equipment
•
MECHANICAL
Maximum Mating Force: 40N
•
Durability (minimum): 250 cycles
•
Operating Temperature: -20°C to +65°C
•
ELECTrICAL
Current rating: 0.5 Amps maximum per pin
•
Maximum Voltage Rating: 30 VDC
•
MATErIALS
Cage assembly: Nickel silver
•
EMI springs: Copper alloy
•
Front flange: Zinc alloy
•
SPECIFICATIONS
100 Gbps (4x25 Gbps) Ethernet standard (in process)
•
100 Gbps InfiniBand Enhanced Data Rate (in process)
•
PrODUCT OFFErINGS
KEY FEATUrES
Backwards-compatible with
•
QSFP optical modules and
cable assemblies
Enhanced EMI cage helps
•
provide excellent thermal
performance/EMI protection
1x1 single port / 1x3 ganged
•
cages with heat sink and light
pipe options
Coupled, narrow-edged,
•
blanked- and formed-contact
geometry/insert molding
Staggered press-fit pins for
•
belly-to-belly applications
High-temperature,
•
thermoplastic housing
TE Part Number
Part Description
1551920-2
zQSFP+ connector assembly
1551891-1
zQSFP+ 1x1 cage assembly behind bezel
2173238-1
zQSFP+ 1x3 cage assembly behind bezel
1551892-1
zQSFP+ 1x1 cage assembly behind bezel with heat sink
2173239-1
zQSFP+ 1x3 cage assembly behind bezel with heat sink
PrODUCT DOCUMENTATION
Product Specification: 108-19428
•
Application Specification for zQSFP+ Connector: 114-32022
•
Application Specification for zQSFP+ Cages: 114-32023
•
Instruction Sheet: 408-32021
•
Heat sink: Aluminum
•
Heat sink clip material: Stainless steel
•
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company. All Rights Reserved.
5-1773463-0 CIS LUG PDF 03/2012
zQSFP+ is a part of the ZXP® family of connectors and uses
the ZXP technology.
ZXP is a registered trademark of Molex Incorporated.
TE Connectivity and the TE connectivity (logo) are trade-
marks. Other logos, product and company names mentioned
herein may be trademarks of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com