Electronic Components Datasheet Search
  English  ▼

X  

TLV5633CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV5633CPWR
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV5633CPWR Datasheet HTML 11Page - Texas Instruments TLV5633CPWR Datasheet HTML 12Page - Texas Instruments TLV5633CPWR Datasheet HTML 13Page - Texas Instruments TLV5633CPWR Datasheet HTML 14Page - Texas Instruments TLV5633CPWR Datasheet HTML 15Page - Texas Instruments TLV5633CPWR Datasheet HTML 16Page - Texas Instruments TLV5633CPWR Datasheet HTML 17Page - Texas Instruments TLV5633CPWR Datasheet HTML 18Page - Texas Instruments TLV5633CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
www.ti.com
SOFTWARE
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
In the following example, the code generates a waveform at 20 KSPS with 32 samples stored in a table within
the program memory space of the microcontroller.
The waveform data is located in the program memory space at segment SINTBL beginning with the MSW of the
first 16-bit word (the 4 MSBs are ignored), followed by the LSW. Two bytes are required for each DAC word (the
table is not shown in the code example).
The program consists of two parts:
•
A main routine, which is executed after reset and which initializes the timer and the interrupt system of the
microcontroller.
•
An interrupt service routine, which reads a new value from the waveform table and writes it to the DAC.
;--------------------------------------------------------------------------------------
; File:
WAVE.A51
; Function:
wave generation with TLV5633
; Processors: 80C51 family (running at 12 MHz)
; Software:
ASM51 assembler, Keil BL51 code-banking linker
;(C) 1999 Texas Instruments
;--------------------------------------------------------------------------------------
;--------------------------------------------------------------------------------------
; Program function declaration
;--------------------------------------------------------------------------------------
NAME
WAVE
MAIN
SEGMENT
CODE
ISR
SEGMENT
CODE
WAVTBL
SEGMENT
CODE
VAR1
SEGMENT
DATA
STACK
SEGMENT
IDATA
;--------------------------------------------------------------------------------------
; Code start at address 0, jump to start
;--------------------------------------------------------------------------------------
CSEG AT 0
LJMP start
; Execution starts at address 0 on power-up.
;--------------------------------------------------------------------------------------
; Code in the timer0 interrupt vector
;--------------------------------------------------------------------------------------
CSEG AT 0BH
LJMP timer0isr
; Jump vector for timer 0 interrupt is 000Bh
;--------------------------------------------------------------------------------------
; Define program variables
;--------------------------------------------------------------------------------------
RSEG VAR1
rolling_ptr: DS 1
;--------------------------------------------------------------------------------------
; Interrupt service routine for timer 0 interrupts
;--------------------------------------------------------------------------------------
RSEG ISR
TIMER0ISR:
PUSH PSW
PUSH ACC
; The signal to be output on the dac is stored in a table
; as 32 samples of msb, lsb pairs (64 bytes).
; The pointer, rolling_ptr, rolls round the table of samples
; incrementing by 2 bytes (1 sample) on each interrupt
; (at the end of this routine).
MOV
DPTR, #wavetable ; set DPTR to the start of the table
MOV
R0, #001H
; R0 selects DAC MSW
MOV
A,rolling_ptr
; ACC loaded with the pointer into the wave table
MOVC A,@A+DPTR
; get msb from the table
MOVX @R0, A
; write DAC MSW
MOV
R0, #000H
; R0 selects DAC LSW
MOV
A,rolling_ptr
; move rolling pointer back in to ACC
INC
A
; increment ACC holding the rolling pointer
MOVC A,@A+DPTR
; which is the lsb of this sample, now in ACC
MOVX @R0, A
; write DAC LSW
MOV
A,rolling_ptr
; load ACC with rolling pointer again
INC
A
; increment the ACC twice, to get next sample
INC
A
ANL
A,#003FH
; wrap back round to 0 if >64
MOV
rolling_ptr,A
; move value held in ACC back to the rolling pointer
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com