Electronic Components Datasheet Search
  English  ▼

X  

ALD1701APAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1701APAL
Description  MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1701APAL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1701APAL Datasheet HTML 1Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 2Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 3Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 4Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 5Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 6Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 7Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 8Page - Advanced Linear Devices ALD1701APAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD1701A/ALD1701B
Advanced Linear Devices
6 of 9
ALD1701/ALD1701G
TYPICAL APPLICATIONS
LOW VOLTAGE INSTRUMENTATION AMPLIFIER
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
-
+
OUTPUT
5V
0.1µF
* See Rail to Rail Waveform
0≤ VIN ≤ 5V
VIN
ZIN = 1012Ω
~
50K
100K
100K
f max = 20KHz
-40mV ≤ VIN ≤ 40mV
0.1µF
0.1µF
V+
V-
GAIN = 25 V- ≤ VOUT ≤ V+. All resistors are 1%.
V+ = +1.0V, V- = -1.0V. Short circuit input current 1µA.
-
+
V-
-
+
100K
100K
1M
0.1µF
V+
0.1µF
-
500K
0.1µF
V+
V+ 1M
+
1M
V-
V-
0.1µF
VOUT
1M
HIGH INPUT IMPEDANCE RAIL-TO-RAIL
PRECISION DC SUMMING AMPLIFIER
- 2.5V
10M
10M
10M
10M
10M
10M
RIN = 10MΩ Accuracy limited by resistor tolerances and input offset voltage
+2.5V
0.1µF
0.1µF
VOUT
V- ≤ VIN ≤ V+
V- ≤ VOUT ≤ V+
V1
V4
V3
V2
VOUT = V1 + V2 - V3 - V4
RAIL-TO-RAIL VOLTAGE COMPARATOR
-
+
OUTPUT
50K
0.1µF
+5V
10M
+5V
VIN
WIEN BRIDGE OSCILLATOR (RAIL-TO-RAIL)
SINE WAVE GENERATOR
10K
-
+
OUTPUT
10K
10K
+2.5V
-2.5V
.01µF
1
2πRC
f =
~ 1.6KHz
C = .01µF
R = 10K
* See Rail to Rail Waveform
~
PHOTO DETECTOR CURRENT TO
VOLTAGE CONVERTER
+
-
+2.5V
-2.5V
RF = 5M
RL = 10K
VOUT = I x RF
I
PHOTODIODE
Performance waveforms.
Upper trace is the output of a
Wien Bridge Oscillator. Lower
trace is the output of Rail-to-rail
voltage follower.
0V
+5V
OUTPUT
0V
+5V
INPUT
RAIL-TO-RAIL WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com