Electronic Components Datasheet Search
  English  ▼

X  

ALD1701ADA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1701ADA
Description  MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1701ADA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1701ADA Datasheet HTML 1Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 2Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 3Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 4Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 5Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 6Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 7Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 8Page - Advanced Linear Devices ALD1701ADA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1701A/ALD1701B
Advanced Linear Devices
3 of 9
ALD1701/ALD1701G
1701BDA
1701DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
Input Offset
VOS
3.0
6.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
15
50
15
50
V/ mV
RL = 100KΩ
Voltage Gain
Output Voltage
VO low
-2.47
-2.40
-2.47
-2.40
V
Range
VO high
2.35
2.45
2.35
2.45
V
RL = 100KΩ
Input
CIN
11
11
pF
Capacitance
Bandwidth
BW
400
700
400
700
400
700
700
KHz
Slew Rate
SR
0.33
0.7
0.33
0.7
0.33
0.7
0.7
V/µsAV = +1
RL = 100KΩ
Rise time
t r
0.2
0.2
0.2
0.2
µsRL = 100KΩ
Overshoot
20
20
20
20
%
RL =100KΩ
Factor
CL = 50pF
Settling Time
t s
10.0
10.0
10.0
10.0
µs
0.1%
AV = -RL=100KΩ
CL = 50pF
TA = 25°C VS = ±2.5V unless otherwise specified
1701A
1701B
1701
1701G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
250
V/mV
RL =100KΩ
Voltage Gain
Output Voltage
VO low
-4.98
-4.90
-4.98
-4.90
-4.98
-4.90
-4.98 -4.90
V
RL =100KΩ
Range
VO high 4.90
4.98
4.90
4.98
4.90
4.98
4.90
4.98
V
Bandwidth
BW
1.0
1.0
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
1.0
1.0
V/µsAV = +1
CL = 50pF
TA = 25°C VS = ±5.0V unless otherwise specified
1701A
1701B
1701
1701G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com