Electronic Components Datasheet Search
  English  ▼

X  

ALD1706ADA Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1706ADA
Description  ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1706ADA Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1706ADA Datasheet HTML 1Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 2Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 3Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 4Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 5Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 6Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 7Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 8Page - Advanced Linear Devices ALD1706ADA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD1706A/ALD1706B
Advanced Linear Devices
6 of 9
ALD1706/ALD1706G
TYPICAL APPLICATIONS
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
CHARGE INTEGRATOR
+
1000pF
+2.5V
-2.5V
1M
VOUT
VIN
HIGH INPUT IMPEDANCE RAIL-TO-RAIL PRECISION
DC SUMMING AMPLIFIER
RAIL-TO-RAIL VOLTAGE COMPARATOR
HIGH IMPEDANCE NON-INVERTING AMPLIFIER
PHOTO DETECTOR CURRENT TO
VOLTAGE CONVERTER
+
+1V
-1V
900K
100K
VOUT
VIN
+
-
+2.5V
-2.5V
RF = 5M
I
PHOTODIODE
VOUT = 1 X RF
RL = 100K
WIEN BRIDGE OSCILLATOR
MICROPOWER BUFFERED VARIABLE
VOLTAGE SOURCE
+
+1.0V
-1.0V
250K
0.0015µF
100K
0.0015µF
C
100K
R
C
Power Supply = ±1.0V
R
VOUT = SINEWAVE 2V Peak to Peak
1
2π RC
≈ 1.0KHz
f ≈
VOUT
+
2M
V
+
V
+
2.0V ≤ V
+
≤ 12.0V
0.1 ≤ VOUT ≤ (V
+
- 0.1) V
OUPUT CURRENT ±200µA
1µF
VOUT
VIN
-
+
OUTPUT
50K
0.1µF
+5V
10M
+5V
VIN
0 ≤ VIN ≤ V+
V- = - 2.5V
10M
10M
10M
10M
10M
10M
RIN = 10MΩ Accuracy limited by resistor tolerances and input offset voltage
V+ = +2.5V
0.1µF
0.1µF
VOUT
V- ≤ VOUT ≤ V+
V1
V4
V3
V2
VOUT = V1 + V2 - V3 - V4
-
+
OUTPUT
5V
0.1µF
0≤ VIN ≤ 5V
VIN
ZIN = 1012Ω
~
* See Rail to Rail Waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com