Electronic Components Datasheet Search
  English  ▼

X  

ALD1712ADA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1712ADA
Description  RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1712ADA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1712ADA Datasheet HTML 1Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 2Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 3Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 4Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 5Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 6Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 7Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 8Page - Advanced Linear Devices ALD1712ADA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1712A/ALD1712B
Advanced Linear Devices
3 of 9
ALD1712
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
Maximum Load
CL
400
400
400
pF
Gain = 1
Capacitance
4000
4000
4000
pF
Gain = 5
Input Noise
Voltage
en
26
26
26
nV/√Hz f =1KHz
Input Current
Noise
in
0.6
0.6
0.6
fA/√Hz
f =10Hz
Settling
ts
8.0
8.0
8.0
µs
0.01%
Time
3.0
3.0
3.0
µs
0.1% AV = -1
RL = 5KΩ CL= 50pF
TA = 25°C VS = ±2.5V unless otherwise specified
1712A
1712B
1712
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
TA = 25°C VS = ±5.0V unless otherwise specified
1712A
1712B
1712
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Power Supply
PSRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
V/mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
-4.90
-4.80
-4.90
-4.80
-4.90
-4.80
V
RL = 10KΩ
Range
VO high
4.80
4.93
4.80
4.93
4.80 4.93
Bandwidth
BW
1.7
1.7
1.7
MHz
Slew Rate
SR
2.8
2.8
2.8
V/µsAV =+1
CL =50pF
VS = ±2.50V -55°C ≤ TA ≤ +125°C unless otherwise specified
1712ADA
1712BDA
1712DA
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset
VOS
0.5
1.0
0.8
1.5
1.2
2.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
4.0
4.0
4.0
nA
Current
Input Bias
IB
4.0
4.0
4.0
nA
Current
Power Supply
PSRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
25
10
25
10
25
V/mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
0.1
0.2
0.1
0.2
0.1
0.2
V
RL ≤ 10KΩ
Range
VO high
4.8
4.9
4.8
4.9
4.8
4.9
V
RL ≤ 10KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com