Electronic Components Datasheet Search
  English  ▼

X  

ALD2301A Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2301A
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2301A Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2301A Datasheet HTML 1Page - Advanced Linear Devices ALD2301A Datasheet HTML 2Page - Advanced Linear Devices ALD2301A Datasheet HTML 3Page - Advanced Linear Devices ALD2301A Datasheet HTML 4Page - Advanced Linear Devices ALD2301A Datasheet HTML 5Page - Advanced Linear Devices ALD2301A Datasheet HTML 6Page - Advanced Linear Devices ALD2301A Datasheet HTML 7Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ALD2301A/ALD2301B/ALD2301C/ALD2301
Advanced Linear Devices
2 of 7
Supply
VS
±1.5
±5
±1.5
±5
±1.5
±5
±1.5
±5
V
Dual Supply
Voltage
V+
3
10
3
10
3
10
3
10
V
Single Supply
Supply
IS
110
180
110
180
110
180
110
180
µARLOAD =
∞
Current
Voltage Gain
AVD
50
150
50
150
50
150
50
150
V/mV
RLOAD ≥ 15KΩ
Input Offset
VOS
2
5
20
10
mV
RLOAD ≥ 1.5KΩ
Voltage
Input Offset
IOS
10
200
10
200
10
400
10
200
pA
Current1
Input Bias
IB
10
200
10
200
10
400
10
200
pA
Current1
Common
Mode Input
VICR
-0.3
V+ -1.5
-0.3
V+ -1.5
-0.3
V+ -1.5
-0.3
V+ -1.5
V
Voltage
Range
2
Low Level
VOL
0.15
0.4
0.15
0.4
0.15
0.4
0.15
0.4
V
ISINK = 12mA
Output Voltage
VINPUT = 1V
Differential
Low Level
Output
IOL
24
60
24
60
24
60
24
60
mA
VOL = 1.0 V
Current
High Level
Leakage
IOH
.01
20
.01
20
.01
20
.01
20
nA
VOH = 5.0 V
Current
Response
tRP
650
650
650
650
ns
RL = 5.1KΩ
Time
2
CL = 15pF
100mV Input
Step/5mV
Overdrive
300
300
300
300
ns
RL = 5.1KΩ
CL =15pF
TTL - Level
Input Step
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5V unless otherwise specified
2301A
2301B
2301C
2301
Test
Parameter
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Notes :
1 Consists of junction leakage currents.
2 Sample tested parameters.
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0°C to +70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com