Electronic Components Datasheet Search
  English  ▼

X  

ALD2301B Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2301B
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2301B Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2301B Datasheet HTML 1Page - Advanced Linear Devices ALD2301B Datasheet HTML 2Page - Advanced Linear Devices ALD2301B Datasheet HTML 3Page - Advanced Linear Devices ALD2301B Datasheet HTML 4Page - Advanced Linear Devices ALD2301B Datasheet HTML 5Page - Advanced Linear Devices ALD2301B Datasheet HTML 6Page - Advanced Linear Devices ALD2301B Datasheet HTML 7Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2301A/ALD2301B
ALD2301C/ALD2301
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD2301A/ALD2301B/ALD2301C/ALD2301 is a monolithic high
performance dual voltage comparator built with advanced silicon gate
CMOS technology. It features very high typical input impedance of
1012Ω; low input bias current of 10pA; fast response time of 300ns;
very low power dissipation of 55µA per comparator; and single (+5V)
or dual (±5V) power supply operation.
The input voltage range includes ground, making this comparator
ideal for low level signal detection with high source impedance. The
outputs are open-drain configuration, allowing maximum application
flexibility, such as wired-OR connection. The outputs can be con-
nected to a higher external voltage than V+.
The ALD2301A/ALD2301B/ALD2301C/ALD2301 is ideal for a great
variety of voltage comparator applications, especially low level signal
detection circuits requiring low standby power, yet retaining high
output current capability as needed.
FEATURES
• Fanout of 30LS TTL loads
• Low supply current of 110µA typical
• Functional equivalent to LM193 industry
standard comparators
• Extremely low input bias currents
-- typically 10pA
• Virtually eliminates source impedance
effects
• Low operating supply voltage of 3V to 10V
• Single (+5V) and dual supply (±5V) operation
• High speed for both large signal and low
level signals -- 300ns typical for TTL inputs
• CMOS, NMOS and TTL compatible
• Wired-OR open drain outputs
• High output sinking current -- typically 60mA
• Low supply current spikes
APPLICATIONS
• High source impedance voltage comparison circuits
• Dual limit window comparator
• Power supply voltage monitor
• Photo-detector sensor circuit
• Relay or LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
BENEFITS
• Low power and high precision combination
• Built-in high input impedance buffer
• Built-in output driver with up to 60mA sink current
BLOCK DIAGRAM
(1) OUT 1
(7) OUT 2
(4) GND
V+
(8) V+
NONINVERTING INPUT
+IN 1 (3)
INVERTING INPUT
NONINVERTING INPUT
INVERTING INPUT
-IN 1 (2)
+IN 2 (5)
-IN 2 (6)
Operating Temperature Range *
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2301ASAL
ALD2301APAL
ALD2301ADA
ALD2301BSAL
ALD2301BPAL
ALD2301BDA
ALD2301CSAL
ALD2301CPAL
ALD2301CDA
ALD2301SAL
ALD2301PAL
ALD2301DA
ORDERING INFORMATION (“L” suffix for lead free version)
* Contact factory for leaded (non-RoHS) or high temperature versions.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT1
-IN 1
+IN 1
GND
V+
OUT 2
-IN 2
+IN 2
SAL, PAL, DA PACKAGES


Similar Part No. - ALD2301B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2301B ALD-ALD2301B Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2301B ALD-ALD2301B Datasheet
461Kb / 7P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
2018
ALD2301BDA ALD-ALD2301BDA Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2301BDA ALD-ALD2301BDA Datasheet
461Kb / 7P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
2018
ALD2301BPA ALD-ALD2301BPA Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
More results

Similar Description - ALD2301B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2301A ALD-ALD2301A Datasheet
40Kb / 4P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2331 ALD-ALD2331 Datasheet
75Kb / 8P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD2301A ALD-ALD2301A_V01 Datasheet
461Kb / 7P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com