Electronic Components Datasheet Search
  English  ▼

X  

ALD2301APAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2301APAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2301APAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2301APAL Datasheet HTML 1Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 2Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2301APAL Datasheet HTML 7Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ALD2301A/ALD2301B/ALD2301C/ALD2301
Advanced Linear Devices
4 of 7
TYPICAL APPLICATIONS
DUAL LIMIT WINDOW COMPARATOR
LED turns on as photo-detector voltage reaches
VLIMIT1. Both LED and horn turns on as
photo-detector voltage reaches VLIMIT2.
VEXTERNAL = +12V V+ = +5V.
DUAL LIMIT PHOTO-DETECTOR
MONITOR
VOLTAGE COMPARATOR WITH
COMPLEMENTARY OUTPUTS
+
+
-
-
1/2 ALD2301
OUTPUT HIGH FOR VIN < VREF(HIGH)
MINIMUM RLOAD = 1.5KΩ
>
AND
VOUT
VIN
V+
VREF(HIGH)
1/2 ALD2301
VREF(LOW)
VREF(LOW)
RLOAD
VIN
-
-
+
+
Q
Q
VIN
VREF
V+
1/2 ALD2301
1/2 ALD2301
V+
VLIMIT2
PHOTO-
DETECTOR
LIGHT
-
-
+
+
LED
BUZZER
VLIMIT 1
VExternal
1/2 ALD2301
1/2 ALD2301
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)
120
100
80
60
140
025
50
75
-25
-55
TEMPERATURE (°C)
100
160
180
200
125
VS = ±2.5V
No Load
All comparators
SUPPLY CURRENT vs. TEMPERATURE
2.4
2.2
2.0
1.8
2.6
025
50
75
-25
-55
TEMPERATURE (°C)
100
2.8
3.0
125
VCM = 0V
VS = ± 2.5V
INPUT OFFSET VOLTAGE vs.
TEMPERATURE
140
120
100
80
160
6.0
8.0
10.0
12.0
4.0
2.0
SUPPLY VOLTAGE (V)
TA = 25°C
RL =
∞
-
+
V+
TOTAL SUPPLY CURRENT vs.
TOTAL SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com