Electronic Components Datasheet Search
  English  ▼

X  

TMP34094 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP34094
Description  ISA BUS INTERFACE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP34094 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP34094 Datasheet HTML 9Page - Texas Instruments TMP34094 Datasheet HTML 10Page - Texas Instruments TMP34094 Datasheet HTML 11Page - Texas Instruments TMP34094 Datasheet HTML 12Page - Texas Instruments TMP34094 Datasheet HTML 13Page - Texas Instruments TMP34094 Datasheet HTML 14Page - Texas Instruments TMP34094 Datasheet HTML 15Page - Texas Instruments TMP34094 Datasheet HTML 16Page - Texas Instruments TMP34094 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
15
0
3
54
15
0
TMS34094
ISA BUS INTERFACE
SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
13
BASE0–BASE3
Base Address
RESERVED
Base Size
Base Address is used in the memory mapped mode. Each register may contain a value which is compared
against the address bits on the ISA bus. The address comparison is left aligned, the most significant ISA address
(LA23) is compared against the most significant bit in Base Address and so on. When a match occurs, the
corresponding memory map is selected, providing that it is enabled by the corresponding bit in BE3–BE0. The
number of bits used for the actual comparison depends on the Base Size declared. Base Address 0, 1, and 2
are uninitialized at reset. Base Address 3 is set to 0C0h at reset so that BASE3 points to ISA bus physical
address 0C0000h.
Base Size indicates the number of bits from Base Address that should be used to compare against incoming
ISA addresses. Base Size 0, 1, and 2 are uninitialized at reset. Base Size 3 is set to 1h so that BASE3 represents
a 16K-byte window.
BASE SIZE
SEGMENT SIZE
ISA ADDRESS
BITS USED FOR
COMPARISON
BASE ADDRESS
BITS USED FOR
COMPARISON
MAP ADDRESS
BITS USED FOR
TMS34020 LOCAL
MEMORY ADDRESS
0000b
0001b
0010b
0011b
0100b
0101b
0110b
0111b
1000b
1001b
All others
8K
16 K
32 K
64 K
128 K
256 K
512 K
1M
2M
4M
Undefined
LA23–17, SA19–13
LA23–17, SA19–14
LA23–17, SA19–15
LA23–17, SA19–16
LA23–17, SA19–17
LA23–18, SA19–18
LA23–19, SA19
LA23–20
LA23–21
LA23–22
Undefined
Base Address 10-0
Base Address 10-1
Base Address 10-2
Base Address 10-3
Base Address 10-4
Base Address 10-5
Base Address 10-6
Base Address 10-7
Base Address 10-8
Base Address 10-9
Undefined
Map Address 15-0
Map Address 15-1
Map Address 15-2
Map Address 15-3
Map Address 15-4
Map Address 15-5
Map Address 15-6
Map Address 15-7
Map Address 15-8
Map Address 15-9
Undefined
Bit 4 of each BASEx register is reserved. When writing to these registers, write this bit as a zero.
MAP0–MAP3
Map Address
Each MAPx register contains a 16-bit value which acts as a pointer into a segment of the TMS34020 local
memory. The number of bits used as the most significant part of the host address presented to the TMS34020
is determined by the BASE SIZE field in the corresponding base address register. From 6 to 16 of the most
significant bits of the Map Address value will be used, with the ISA address bits providing the lower order address
bits. At reset, MAP0–MAP2 are uninitialized and MAP3 is set to 0F000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com