Electronic Components Datasheet Search
  English  ▼

X  

ALD2303APAL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2303APAL
Description  DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2303APAL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2303APAL Datasheet HTML 1Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 2Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 7Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 8Page - Advanced Linear Devices ALD2303APAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD2303A/ALD2303
Advanced Linear Devices
2 of 9
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+= +5V unless otherwise specified
2303A
2303
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Notes:
1
Consists of junction leakage currents
2
Sample tested parameters
Supply
VS
±1.5
±5
±1.5
±5
V
Dual Supply
Voltage
V+
3
10
3
10
V
Single Supply
Supply
IS
15
40
15
40
µARLOAD =
∞
Current
Voltage
AVD
10
100
10
100
V/mV
RLOAD ≥15KΩ
Gain
Input Offset
VOS
0.5
1.0
1.5
4.0
mV
RLOAD =1.5KΩ
Voltage
2.0
5.0
0°C ≤ TA ≤ 70°C
Input Offset
IOS
10
200
10
200
pA
0°C ≤ TA ≤ 70°C
Current 1
800
800
Input Bias
IB
10
200
10
200
pA
0°C ≤ TA ≤ 70°C
Current 1
1000
1000
Common
Mode Input
VICR
-0.3
V+-1.5
-0.3
V+ -1.5
V
Voltage
Range 2
Low Level
ISINK =12mA
Output
VOL
0.18
0.4
0.18
0.4
V
VINPUT =1V
Voltage
Differential
Low Level
Output
IOL
24
60
24
60
mA
VOL =1.0V
Current
High Level
Leakage
ILH
0.01
20
0.01
20
nA
VOH = 5.0V
Current
Response
RL =50KΩ
Time 2
tRP
6.5
6.5
µsCL = 15pF
10mV Input
Step/10mV
Overdrive
RL = 50KΩ
55
µsCL = 15pF
TTL- Level Input
Step
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0°C to +70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com