Electronic Components Datasheet Search
  English  ▼

X  

ALD2702B Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2702B
Description  DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2702B Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2702B Datasheet HTML 1Page - Advanced Linear Devices ALD2702B Datasheet HTML 2Page - Advanced Linear Devices ALD2702B Datasheet HTML 3Page - Advanced Linear Devices ALD2702B Datasheet HTML 4Page - Advanced Linear Devices ALD2702B Datasheet HTML 5Page - Advanced Linear Devices ALD2702B Datasheet HTML 6Page - Advanced Linear Devices ALD2702B Datasheet HTML 7Page - Advanced Linear Devices ALD2702B Datasheet HTML 8Page - Advanced Linear Devices ALD2702B Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD2702A/ALD2702B/ALD2702 is a dual monolithic operational
amplifier intended primarily for a wide range of analog applications in +5V
single power supply and ±5V dual power supply systems as well as +4V
to +10V battery operated systems. All device characteristics are specified
for +5V single supply or ±2.5V dual supply systems. The device has an
input stage that operates to +300mV above and -300mV below the supply
voltages with no adverse effects and/or phase reversals. It offers popular
industry pin configuration.
The ALD2702A/ALD2702B/ALD2702 has been developed specifically
with the +5V single supply or ±2.5V dual supply user in mind. Several
important characteristics of the device make many applications easy to
implement for these supply voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This feature allows
numerous analog serial stages to be implemented without losing operating
voltage margin. Second, the device was designed to accommodate
mixed applications where digital and analog circuits may work off the
same 5V power supply. Third, the output stage can drive up to 400pF
capacitive and 5KΩ resistive loads in non-inverting unity gain connection
and double the capacitance in the inverting unity gain mode.
These features, coupled with extremely low input currents, high voltage
gain, useful bandwidth of 1.5MHz, a slew rate of 1.9V/µs, low power
dissipation, low offset voltage and temperature drift, make the ALD2702A/
ALD2702B/ALD2702 a truly versatile, user friendly, operational amplifier.
The ALD2702A/ALD2702B/ALD2702 is designed and fabricated with
silicon gate CMOS technology, and offers less than 1pA typical input bias
current. On-chip offset voltage trimming allows the device to be used
without nulling in most applications. The device offers typical offset drift
of less than 7µV/°C
which eliminates many
trim or temperature
compensation circuits. For precision applications, the ALD2702A/
ALD2702B/ALD2702 is designed to settle to 0.01% in 8µs. Additionally,
robust design and rigorous screening make this device especially suitable
for operation in temperature-extreme environments and rugged conditions.
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702A/ALD2702B
ALD2702
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2702ASAL
ALD2702APAL
ALD2702ADA
ALD2702BSAL
ALD2702BPAL
ALD2702BDA
ALD2702SAL
ALD2702PAL
ALD2702DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull class AB output
drivers
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• High load capacitance capability -- drives
up to 4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
<1.0pA typical
• Ideal for high source impedance applications
• Dual power supply ±2.5V to ±5V operation
• Single power supply +5V to +10V operation
• High voltage gain -- typically 85V/mV
@ ±2.5V and 250V/mV @ ±5.0V
• Drive as low as 2KΩ load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/µs
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B
TOP VIEW
SAL, PAL, DA PACKAGES


Similar Part No. - ALD2702B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2702BDA ALD-ALD2702BDA Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702BDA ALD-ALD2702BDA Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702BPA ALD-ALD2702BPA Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702BPA ALD-ALD2702BPA Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702BSA ALD-ALD2702BSA Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2702B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com