Electronic Components Datasheet Search
  English  ▼

X  

ALD2704B Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2704B
Description  DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2704B Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2704B Datasheet HTML 1Page - Advanced Linear Devices ALD2704B Datasheet HTML 2Page - Advanced Linear Devices ALD2704B Datasheet HTML 3Page - Advanced Linear Devices ALD2704B Datasheet HTML 4Page - Advanced Linear Devices ALD2704B Datasheet HTML 5Page - Advanced Linear Devices ALD2704B Datasheet HTML 6Page - Advanced Linear Devices ALD2704B Datasheet HTML 7Page - Advanced Linear Devices ALD2704B Datasheet HTML 8Page - Advanced Linear Devices ALD2704B Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD2704A/ALD2704B
Advanced Linear Devices
2 of 9
ALD2704
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+ referenced to V-
-0.3V to V++10.6V
Supply voltage, VS referenced to V-
±5.3V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating tempurature range SAL, PAL packages
0°C to +70°C
DA package
-55°C to +125°C
Storage tempurature range
-65°C to +150°C
Lead tempurature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
Supply
VS
±3.25
±5.0 ±3.25
±5.0 ±3.25
±5.0
V
Dual Supply
Voltage
V+
6.5
10.0
6.5
10.0
6.5
10.0
V
Single Supply
Input Offset
VOS
1.0
2.0
5.0
mV
RS ≤ 100KΩ
Voltage
1.5
3.0
6.0
mV
0°C ≤ TA ≤ +70°C
Input Offset
IOS
1.0
15
1.0
15
1.0
15
pA
TA = 25°C
Current
240
240
240
pA
0°C ≤ TA ≤ +70°C
Input Bias
IB
1.0
20
1.0
20
1.0
20
pA
TA = 25°C
Current
300
300
300
pA
0°C ≤ TA ≤ +70°C
Input Voltage
VIR
-5.3
5.3
-5.3
5.3
-5.3
5.3
V
Range
Input
RIN
1012
1012
1012
Ω
Resistance
Input Offset
TCVOS
55
5
µV/°CRS ≤ 100KΩ
Voltage Drift
Power Supply
PSRR
65
80
65
80
60
80
dB
RS ≤ 100KΩ
Rejection Ratio
0°C ≤ TA ≤ +70°C
Common Mode
CMRR
65
83
65
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
0°C ≤ TA ≤ +70°C
Large Signal
AV
15
28
15
28
10
28
V/mV
RL = 100KΩ
Voltage Gain
100
100
100
V/mV
RL ≥ 1MΩ
Output
VO low
-4.96
-4.90
-4.96 -4.90
-4.96
-4.90
RL ≥ 10KΩ
Voltage
VO high
4.90
4.95
4.90
4.95
4.90
4.95
V
0°C ≤ TA ≤ +70°C
Range
VO low
-4.998 -4.99
-4.998 -4.99
-4.998 -4.99
RL = 1MΩ
VO high
4.99
4.998
4.99
4.998
4.99
4.998
V
0°C ≤ TA ≤ +70°C
Output Short
ISC
15
15
15
mA
Circuit Current
Supply
IS
5.0
6.5
5.0
6.5
5.0
6.5
mA
VIN = -5V
Current
No Load
Power
PD
65
65
65
mW
Both amplifiers, No Load
Dissipation
VS = ±5.0V
Input
CIN
11
1
pF
Capacitance
Bandwidth
BW
2.1
2.1
2.1
MHz
Slew Rate
SR
5.0
5.0
5.0
V/µsAV = +1 RL = 2.0KΩ
Rise time
tr
0.1
0.1
0.1
µsRL = 2.0KΩ
Overshoot
15
15
15
%
RL = 2.0KΩ
Factor
CL = 100pF
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±5.0V unless otherwise specified
2704A
2704B
2704
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com