Electronic Components Datasheet Search
  English  ▼

X  

FMBT4401 Datasheet(PDF) 5 Page - Formosa MS

Part # FMBT4401
Description  600mA Silicon NPN Epitaxial Planar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT4401 Datasheet(HTML) 5 Page - Formosa MS

  FMBT4401 Datasheet HTML 1Page - Formosa MS FMBT4401 Datasheet HTML 2Page - Formosa MS FMBT4401 Datasheet HTML 3Page - Formosa MS FMBT4401 Datasheet HTML 4Page - Formosa MS FMBT4401 Datasheet HTML 5Page - Formosa MS FMBT4401 Datasheet HTML 6Page - Formosa MS FMBT4401 Datasheet HTML 7Page - Formosa MS FMBT4401 Datasheet HTML 8Page - Formosa MS FMBT4401 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (FMBT4401)
Fig.1- Capacitances
Reverse Voltage (Volts)
30
2.0
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
300
200
100
70
50
30
1
10
20
30
50
70
100
200
300
500
Fig. 5.-Storage T time
Collector Current, IC(mA)
3.0
5.0
10
20
Fig. 2-Charge Data
1.0
0
10
20
30
50
70
100
200
300
500
0.2
0.3
0.5
0.7
1.0
Collect Current, IC (mA)
FIG.3- Turn-On Time
10
20
30
50
70
100
200
300
500
0.1
0.01
0.1
1
10
100
IC, Collect Current, (mA)
1.0
Fig. 4-Rise and Fall Time
Collector Current, IC (mA)
2.0
3.0
5.0
7.0
100
70
50
30
20
10
7.0
5.0
Fig. 6- Fall Time
10
20
30
50
70
100
200
300
500
Collector Current, IC(mA)
100
70
50
30
20
10
7.0
5.0
TRANSIENT CHARACTERISTICS
25°C
105C
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231117
2008/02/10
2010/03/10
B
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com