Electronic Components Datasheet Search
  English  ▼

X  

FMBT4403 Datasheet(PDF) 4 Page - Formosa MS

Part # FMBT4403
Description  600mA Silicon PNP Epitaxial Planar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT4403 Datasheet(HTML) 4 Page - Formosa MS

  FMBT4403 Datasheet HTML 1Page - Formosa MS FMBT4403 Datasheet HTML 2Page - Formosa MS FMBT4403 Datasheet HTML 3Page - Formosa MS FMBT4403 Datasheet HTML 4Page - Formosa MS FMBT4403 Datasheet HTML 5Page - Formosa MS FMBT4403 Datasheet HTML 6Page - Formosa MS FMBT4403 Datasheet HTML 7Page - Formosa MS FMBT4403 Datasheet HTML 8Page - Formosa MS FMBT4403 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Switching time equivalent test circuits
PNP Epitaxial Planar Transistor
FMBT4403
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231118
2008/02/10
2010/03/10
B
10
Figure
1. Turn-On
T ime
Figure
2. Turn-Off T ime
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
-16 V
10 to 100 us,
DUTY CYCLE = 2%
0
1.0 kΩ
-30 V
200 Ω
CS* < 10 pF
1.0 kΩ
-30 V
200
CS* < 10 pF
+4.0V
< 2 ns
1.0 to 100us,
DUTY CYCLE=2%
< 20 ns
+14 V
0
-16 V
Ω
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS )
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC= 30 V
IC/IB = 10
20
30
50
5.0
10
7.0
Ceb
QT
QA
25 C
125 C
TRANSIENTCHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
70
100
10
20
50
70
100
200
300
500
30
IC/IB= 10
tr @ VCC= 30 V
tr @ VCC= 10 V
td @ VBE(of
f)= 2 V
td @ VBE(of
f)= 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC= 30 V
IC/IB = 10
0.7
7.0
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 5. Turn-On Time
Figure 6. Rise Time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com