Electronic Components Datasheet Search
  English  ▼

X  

FMBT5551 Datasheet(PDF) 3 Page - Formosa MS

Part # FMBT5551
Description  600mA Silicon NPN Epitaxial Planar Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT5551 Datasheet(HTML) 3 Page - Formosa MS

  FMBT5551 Datasheet HTML 1Page - Formosa MS FMBT5551 Datasheet HTML 2Page - Formosa MS FMBT5551 Datasheet HTML 3Page - Formosa MS FMBT5551 Datasheet HTML 4Page - Formosa MS FMBT5551 Datasheet HTML 5Page - Formosa MS FMBT5551 Datasheet HTML 6Page - Formosa MS FMBT5551 Datasheet HTML 7Page - Formosa MS FMBT5551 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
Collector-Base breakdown voltage
CONDITIONS
Symbol
V
(BR)CBO
Min.
160
UNIT
Vdc
Vdc
-
o
Characteristics (AT T =25 C unless otherwise noted)
A
Off characteristics
I = -100µAdc, I = 0
c
E
3.Pulse test : pukse width < 300uS, duty cycle < 2.0%.
PARAMETER
DCcurrent gain
CONDITIONS
Symbol
h
FE
60
UNIT
-
Vdc
On characteristics(3)
I = 1.0mAdc, V
= 5.0Vdc
c
CE
I = 10mAdc, V
= 5.0Vdc
c
CE
I = 50mA, V
= 10Vdc
c
CE
Collector-Emitter saturation voltage(3)
Base-Emitter saturation voltage(3)
I = 10mAdc, I = 1.0mAdc
c
B
I = 50mAdc, I = 5.0mAdc
c
B
I = 10mAdc, I = 1.0mAdc
c
B
I = 50mAdc, I = 5.0mAdc
c
B
Vdc
0.25
1.0
V
CE(sat)
V
BE(sat)
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Max.
Collector cutoff current
V
= 100Vdc, I = 0
CB
E
O
V
= 100Vdc, I = 0, T = 100 C
CB
E
A
V
= 4.0Vdc, I = 0
EB
C
-
100
6.0
I
CBO
50
100
µAdc
0.15
High Voltage NPN Epitaxial Planar Transistor
Formosa MS
FMBT5550 / FMBT5551
Document ID
Issued Date
Revised Date
Revision
Page.
Types
FM5550
FM5551
180
-
Collector-Emitter
voltage(3)
breakdown
I = 1.0mAdc, I = 0
c
B
V
CEO
(BR)
FM5550
FM5551
140
160
-
-
Emitter-Base
voltage
breakdown
V
EBO
(BR)
I = 10µAdc, I = 0
E
C
Vdc
V
= 120Vdc, I = 0
CB
E
FM5550
FM5551
O
V
= 100Vdc, I = 0, T = 100 C
CB
E
A
FM5550
FM5551
-
-
-
-
50
Emitter cutoff current
I
EBO
50
nAdc
nAdc
-
FM5550
FM5551
Types
Min.
Max.
-
80
-
FM5550
FM5551
FM5550
FM5551
60
80
20
30
250
250
-
-
FM5550
FM5551
-
0.20
-
-
FM5550
FM5551
-
-
-
1.2
1.0
Both Types
Both Types
Both Types
Both Types
DS-231108
2008/02/10
2011/07/21
C
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com