Electronic Components Datasheet Search
  English  ▼

X  

FMS2301 Datasheet(PDF) 6 Page - Formosa MS

Part # FMS2301
Description  20V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMS2301 Datasheet(HTML) 6 Page - Formosa MS

  FMS2301 Datasheet HTML 1Page - Formosa MS FMS2301 Datasheet HTML 2Page - Formosa MS FMS2301 Datasheet HTML 3Page - Formosa MS FMS2301 Datasheet HTML 4Page - Formosa MS FMS2301 Datasheet HTML 5Page - Formosa MS FMS2301 Datasheet HTML 6Page - Formosa MS FMS2301 Datasheet HTML 7Page - Formosa MS FMS2301 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD MOSFET
Suggested solder pad layout
SOT-23
Dimensions in inches and (millimeters)
0.035(0.90)
0.031(0.80)
0.079(2.0)
0.037(0.95)
0.037(0.95)
Marking
Type number
Marking code
FMS2301
Pinning information
PinD
Drain
PinG
Gate
PinS
Source
Pin
Simplified outline
Symbol
G
D
S
Drain
Source
Gate
Document ID
Issued Date
Revised Date
Revision
Page.
Note: 1.
PN
WAG” is FMS2301-H
WA” shown on the 1st~2rd position on --- FMS2301
G” shown on the 3th position on --- Green product-Halogen free
DC
0A is the sequence of “0-9” & “A~Z”
0~9 shown on the 4th position on ---2010~2019
A~Z shown on the5th position on ---1week~26week
~
shown on the 5th position on ---27week~52week
/:
“
“
“
/:
AZ
2301, 01
FMS2301
WAG0A
(Note 1)
DS-231129
2009/02/10
2011/07/21
C
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com