Electronic Components Datasheet Search
  English  ▼

X  

FMS2303 Datasheet(PDF) 2 Page - Formosa MS

Part # FMS2303
Description  30V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMS2303 Datasheet(HTML) 2 Page - Formosa MS

  FMS2303 Datasheet HTML 1Page - Formosa MS FMS2303 Datasheet HTML 2Page - Formosa MS FMS2303 Datasheet HTML 3Page - Formosa MS FMS2303 Datasheet HTML 4Page - Formosa MS FMS2303 Datasheet HTML 5Page - Formosa MS FMS2303 Datasheet HTML 6Page - Formosa MS FMS2303 Datasheet HTML 7Page - Formosa MS FMS2303 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package outline
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SMD MOSFET
Features
In compliance with EU RoHS 2002/95/EC directives.
•
•
•
•
• Suffix "-H" indicates Halogen-free part, ex.FMS2303-H.
R
75mΩ@V =-10V
R
100mΩ@V =-4.5V
DS(ON)
GS
DS(ON)
GS
≦
≦
Super high density cell design for extremely low R
DS(ON)
PARAMETER
Drain-source voltage
Drain current-continue
Maximum power dissipation
Gate- source voltage-continue
Operation junction temperature
CONDITIONS
Symbol
V
DSS
P
D
T
J
R
θJA
-55 to +150
Limit
-30
100
UNIT
V
o
C
o
C/W
M
aximum ratings (AT T =25 C unless otherwise noted)
A
o
V
GS
I
D
1.3
±20
-3 2
.
V
A
W
Thermal resistance-junction to ambient*
-pulsed
I
DM
-13
Storage temperature
T
STG
-65 to +150
o
C
30V P-Channel Enhancement
Mode MOSFET
Mechanical data
•
•
•
•
•
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
-2 6
.
T= 25 C
A
O
T= 70 C
A
O
FMS2303
Document ID
Issued Date
Revised Date
Revision
Page.
T= 25 C
A
O
T= 70 C
A
O
0.8
* The device mounted on 1in FR4 board with 2 oz copper
2
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231135
2011/03/10
2011/07/21
B
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com