Electronic Components Datasheet Search
  English  ▼

X  

TPS9110IPWLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS9110IPWLE
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9110IPWLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS9110IPWLE Datasheet HTML 9Page - Texas Instruments TPS9110IPWLE Datasheet HTML 10Page - Texas Instruments TPS9110IPWLE Datasheet HTML 11Page - Texas Instruments TPS9110IPWLE Datasheet HTML 12Page - Texas Instruments TPS9110IPWLE Datasheet HTML 13Page - Texas Instruments TPS9110IPWLE Datasheet HTML 14Page - Texas Instruments TPS9110IPWLE Datasheet HTML 15Page - Texas Instruments TPS9110IPWLE Datasheet HTML 16Page - Texas Instruments TPS9110IPWLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS9110
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS164 – AUGUST 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0
0.5
1
25
75
t – Time – ms
125
1.5
2
100
50
0
3.5
3.4
3.3
3.2
3.1
VCC = 4 V
Px = 0 V
TA = 25°C
Cx = 10
µF
Figure 7. LDO-Regulator Load Transient, 1 mA to 100 mA Pulsed Load
0
0.3
0.5
3.6
4
t – Time – ms
4.4
0.8
1
4.2
3.8
3.4
3.3
3.2
3.1
Px = 0 V
TA = 25°C
IO = 10 mA
Cx = 10
µF
Figure 8. LDO-Regulator Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com