Electronic Components Datasheet Search
  English  ▼

X  

1GH46 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1GH46
Description  SWITCHING TYPE POWER SUPPLY APPLICATINS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1GH46 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1GH46 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1GH46 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
400
75
400
200
1.1
=400V
22(60Hz)
20(50Hz)
400V
1.0A
1GH45 THRU 1GH46
C/W
=1A
F
V
I
fr
rr
RRM
Peak Forward Voltage
CHARACTERISTIC
A
1.0
RATING
Very Fast Reverse Recovery Time
Average Forward Current
Repetitive Peak Reverse Voltage
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D
D
D
CHARACTERISTIC
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
Average Forward Current
Peak One Cycle Surge Forward
Current(Non-Repetitive)
Junction Temperature
Storage Temperature Range
V RRM
I
F(AV)
I
FSM
T j
Tstg
V
A
-40~150
-40~150
°C
°C
SWITCHING TYPE POWER SUPPLY APPLICATINS
Repetitive Peak Reverse Current
Reverse Recvery Time
Forward Recovery Time
Thermal Resistance
SYMBOL
V
FM
I
t
t
R
th(j a)
TEST CONDITION
FM
=1.0A
RRM
I
,
di/dt=-30A/us
=1A
F
I
Junction to Ambient
MIN
TYPE
MAX
UNIT
-
-
-
-
-
-
-
-
-
-
100
V
uA
ns
ns
°
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS


Similar Part No. - 1GH46

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1GH46 TOSHIBA-1GH46 Datasheet
145Kb / 2P
FIELD EFFECT TRANSISTOR CMOS A/D CONVERTER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
02-Dec-1996
More results

Similar Description - 1GH46

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30QWK2CZ47 TOSHIBA-30QWK2CZ47_06 Datasheet
173Kb / 5P
Switching Type Power Supply Application
10-Nov-2006
logo
Shenzhen Taychipst Elec...
1DL41A TAYCHIPST-1DL41A Datasheet
4Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATIONS
1NH42 TAYCHIPST-1NH42 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATIONS
1NU41 TAYCHIPST-1NU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATIONS
1R5DU41 TAYCHIPST-1R5DU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
1R5GU41 TAYCHIPST-1R5GU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
2FWJ42M TAYCHIPST-2FWJ42M Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
3DL41A TAYCHIPST-3DL41A Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
05NH46 TAYCHIPST-05NH46 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
05NU41 TAYCHIPST-05NU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com