Electronic Components Datasheet Search
  English  ▼

X  

1GU42 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1GU42
Description  HIGH SPEED RECTIFIER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1GU42 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1GU42 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1GU42 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1GU42
250
100
50
1.5
=400V
17(60Hz)
15(50Hz)
400
Plastic Mold Type
Fast Reverse Recovery Time
400V
1.0A
HIGH SPEED RECTIFIER APPLICATION
A
1.0
RATING
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
Average Forward Current
Peak One Cycle Surge Forward
Current(Non-Repetitive)
Junction Temperature
Storage Temperature Range
V RRM
I
F(AV)
I
FSM
T j
Tstg
V
A
-40~150
-40~150
°C
°C
Average Forward Current
Repetitive Peak Reverse Voltage
D
D
D
D
=1A
F
V
I
fr
rr
RRM
Peak Forward Voltage
CHARACTERISTIC
Repetitive Peak Reverse Current
Reverse Recvery Time
Forward Recovery Time
SYMBOL
V
FM
I
t
t
TEST CONDITION
FM
=1.0A
RRM
I
,
di/dt=-30A/us
=1A
F
I
MIN
TYPE
MAX
UNIT
-
-
-
-
-
-
-
-
V
uA
ns
ns
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS


Similar Part No. - 1GU42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1GU42 TOSHIBA-1GU42 Datasheet
170Kb / 3P
RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
02-Dec-1996
logo
EIC discrete Semiconduc...
1GU42 EIC-1GU42 Datasheet
132Kb / 2P
FAST RECOVERY RECTIFIER
Rev. 02 : March 25, 2005
More results

Similar Description - 1GU42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5GWJZ47 TOSHIBA-5GWJZ47 Datasheet
149Kb / 2P
SCHOTTKY BARRIER TYPE (HIGH SPEED RECTIFIER APPLICATION)
5GWJZ47 TOSHIBA-5GWJZ47_06 Datasheet
235Kb / 4P
HIGH SPEED RECTIFIER APPLICATION
logo
Shenzhen Taychipst Elec...
1FWJ43N TAYCHIPST-1FWJ43N Datasheet
4Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
1GWJ43 TAYCHIPST-1GWJ43 Datasheet
5Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
1JU41 TAYCHIPST-1JU41 Datasheet
4Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
1R5JU41 TAYCHIPST-1R5JU41 Datasheet
5Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
2FWJ43N TAYCHIPST-2FWJ43N Datasheet
5Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
2GWJ42 TAYCHIPST-2GWJ42 Datasheet
5Mb / 2P
HIGH SPEED RECTIFIER APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com