Electronic Components Datasheet Search
  English  ▼

X  

ALD2726DB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2726DB
Description  DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2726DB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2726DB Datasheet HTML 1Page - Advanced Linear Devices ALD2726DB Datasheet HTML 2Page - Advanced Linear Devices ALD2726DB Datasheet HTML 3Page - Advanced Linear Devices ALD2726DB Datasheet HTML 4Page - Advanced Linear Devices ALD2726DB Datasheet HTML 5Page - Advanced Linear Devices ALD2726DB Datasheet HTML 6Page - Advanced Linear Devices ALD2726DB Datasheet HTML 7Page - Advanced Linear Devices ALD2726DB Datasheet HTML 8Page - Advanced Linear Devices ALD2726DB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2.1 ©2011 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD2726E/ALD2726 is a dual monolithic rail-to-rail precision CMOS
operational amplifier with integrated user programmable EPAD (Electri-
cally Programmable Analog Device) based offset voltage adjustment. The
ALD2726E/ALD2726 is a dual version of the ALD1726E/ALD2726 opera-
tional amplifier. Each ALD2721E/ALD2721 operational amplifier features
individual user-programming offset voltage trimming, resulting in signifi-
cantly enhanced total system performance and user flexibility. EPAD
technology is an exclusive ALD design which has been refined for analog
applications where precision voltage trimming is necessary to achieve a
desired performance. It utilizes CMOS FETs as in-circuit elements for
trimming of offset voltage bias characteristics with the aid of a personal
computer under software control. Once programmed, the set parameters
are stored indefinitely within the device even after power-down. EPAD
offers the circuit designer a convenient and cost-effective trimming solution
for achieving the very highest amplifier/system performance.
The ALD2726E/ALD2726 dual operational amplifier features rail-to-rail
input and output voltage ranges, tolerance to over-voltage input spikes of
300mV beyond supply rails, capacitive loading up to 25pF, extremely low
input currents of 0.01pA typical, high open loop voltage gain, useful
bandwidth of 700KHz, slew rate of 0.7V/
µs, and low typical supply current
of 50
µA for both amplifiers.
BENEFITS
• Eliminates manual and elaborate
system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal clocking noise source
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
• Micropower
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
•
EPAD (Electrically Programmable Analog Device)
•
User programmable VOS trimmer
•
Computer-assisted trimming
•
Rail-to-rail input/output
•
Compatible with standard EPAD Programmer
•
Each amplifier VOS can be trimmed to a different VOS level
•
High precision through in-system circuit precision trimming
•
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
•
System level “calibration” capability
•
Application Specific Programming mode
•
In-System Programming mode
•
Electrically programmable to compensate for external
component tolerances
•
Achieves 0.01pA input bias current and 35
µV input offset
voltage simultaneously
•
±1V to ±5V operation
1
2
3
4
5
6
7
11
12
13
14
8
9
10
VE 2A
VE 1A
V-
N/C
VE 2B
VE 1B
OUT B
OUT A
+IN A
-IN A
+IN B
-IN B
N/C
V+
PIN CONFIGURATION
TOP VIEW
SB, PB, DB PACKAGES
* N/C Pins are internally connected. Do not connect externally.
ORDERING INFORMATION
Operating Temperature Range
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2726ESB
ALD2726EPB
ALD2726EDB
ALD2726SB
ALD2726PB
ALD2726DB
* Contact factory for high temperature versions.
eEPAD
TM
®
N
A
B
L
E
D
E
DUAL EPAD® ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726E/ALD2726
ADVANCED
LINEAR
DEVICES, INC.


Similar Part No. - ALD2726DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2726DB ALD-ALD2726DB Datasheet
58Kb / 10P
DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2726DB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E_11 Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com