Electronic Components Datasheet Search
  English  ▼

X  

ALD4301ASBL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD4301ASBL
Description  QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4301ASBL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4301ASBL Datasheet HTML 1Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 2Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 3Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 4Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 5Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 6Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 7Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 8Page - Advanced Linear Devices ALD4301ASBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD4301A/ALD4301
Advanced Linear Devices
2 of 9
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+= +5V unless otherwise specified
4301A
4301
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Notes:
1
Consists of junction leakage currents
2
Sample tested parameters
Supply
VS
±1.5
±5
±1.5
±5
V
Dual Supply
Voltage
V+
3
10
3
10
V
Single Supply
Supply
IS
220
350
220
350
µA
No load
Current
Voltage
AVD
50
150
50
150
V/mV
RLOAD ≥ 15KΩ
Gain
Input Offset
VOS
510
mV
RLOAD ≥ 1.5KΩ
Voltage
Input Offset
IOS
0.1
30
0.1
30
pA
Current 1
Input Bias
IB
0.1
30
0.1
30
pA
Current 1
Common
Mode Input
VICR
-0.3
V+-1.5
-0.3
V+ -1.5
V
Voltage
Range 2
Low Level
ISINK =12mA
Output
VOL
0.15
0.4
0.15
0.4
V
VINPUT =1V
Voltage
Differential
Low Level
Output
IOL
24
60
24
60
mA
VOL =1.0V
Current
High Level
Leakage
ILH
0.1
20
0.1
20
nA
VOH = 5.0 V
Current
Response
RL =5.1KΩ
Time 2
tRP
650
650
ns
CL = 15pF
100mV Input
Step/5mV
Overdrive
RL = 5.1KΩ
300
300
ns
CL = 15pF
TTL- Level Input
Step
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SBL, PBL packages
0°C to +70°C
DB package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com