Electronic Components Datasheet Search
  English  ▼

X  

ALD4701B Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4701B
Description  QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4701B Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4701B Datasheet HTML 1Page - Advanced Linear Devices ALD4701B Datasheet HTML 2Page - Advanced Linear Devices ALD4701B Datasheet HTML 3Page - Advanced Linear Devices ALD4701B Datasheet HTML 4Page - Advanced Linear Devices ALD4701B Datasheet HTML 5Page - Advanced Linear Devices ALD4701B Datasheet HTML 6Page - Advanced Linear Devices ALD4701B Datasheet HTML 7Page - Advanced Linear Devices ALD4701B Datasheet HTML 8Page - Advanced Linear Devices ALD4701B Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701A/ALD4701B
ALD4701
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD4701ASBL
ALD4701APBL
ALD4701ADB
ALD4701BSBL
ALD4701BPBL
ALD4701BDB
ALD4701SBL
ALD4701PBL
ALD4701DB
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
GENERAL DESCRIPTION
The ALD4701A/ALD4701B/ALD4701 is a quad monolithic CMOS
micropower high slew rate operational amplifier intended for a broad range
of analog applications using ±1V to ±5V dual power supply systems, as well
as +2V to +10V battery operated systems. All device characteristics are
specified for +5V single supply or ±2.5V dual supply systems. Total supply
current for all four operational amplifiers is 1mA maximum at 5V supply
voltage. It is manufactured with Advanced Linear Devices' enhanced
ACMOS silicon gate CMOS process.
The ALD4701A/ALD4701B/ALD4701 is designed to offer a trade-off of
performance parameters providing a wide range of desired specifications.
It has been developed specifically for the +5V single supply or ±1V to ±5V
dual supply user and offers the popular industry standard pin configuration
of LM324 types and ICL7641 types.
Several important characteristics of the device make application easier to
implement at these voltages. First, each operational amplifier can operate
with rail to rail input and output voltages. This means the signal input
voltage and output voltage can be equal to or near to the positive and
negative supply voltages. This feature allows numerous analog serial
stages and flexibility in input signal bias levels. Second, each device was
designed to accommodate mixed applications where digital and analog
circuits may operate off the same power supply or battery. Third, the output
stage can typically drive up to 50pF capacitive and 10KΩ resistive loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 700KHz, a slew rate of
0.7V/µs, low power dissipation of 5mW, low offset voltage and temperature
drift, make the ALD4701A/ALD4701B/ALD4701 a versatile, micropower
quad operational amplifier.
The ALD4701A/ALD4701B/ALD4701, designed and fabricated with silicon
gate CMOS technology, offers 1pA typical input bias current. Due to low
voltage and low power operation, reliability and operating characteristics,
such as input bias currents and warm up time, are greatly improved.
Additionally, robust design and rigorous screening make this device
especially suitable for operation in temperature-extreme environments and
rugged conditions.
APPLICATIONS
• Voltage follower/buffer/amplifier
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
FEATURES
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• Rail-to-rail input and output voltage ranges
• Unity gain stable
• Extremely low input bias currents -- 1.0pA
• High source impedance applications
• Dual power supply ±1.0V to ±5.0V
• Single power supply +2V to +10V
• High voltage gain
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/µs
• Low power dissipation
• Symmetrical output drive
• Suitable for rugged, temperature-extreme
environments
PIN CONFIGURATION
TOP VIEW
SBL, PBL, DB PACKAGES
OUT D
-IN D
+IN D
V-
+IN C
-IN C
OUT C
OUT A
-IN A
+IN A
V+
+IN B
-IN B
OUT B
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - ALD4701B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4701B ALD-ALD4701B Datasheet
48Kb / 6P
QUAD MICOPOWER RAIL TO RAIL CMOS OPERATIOANAL AMPLIFIER
ALD4701BDB ALD-ALD4701BDB Datasheet
48Kb / 6P
QUAD MICOPOWER RAIL TO RAIL CMOS OPERATIOANAL AMPLIFIER
ALD4701BPB ALD-ALD4701BPB Datasheet
48Kb / 6P
QUAD MICOPOWER RAIL TO RAIL CMOS OPERATIOANAL AMPLIFIER
ALD4701BSB ALD-ALD4701BSB Datasheet
48Kb / 6P
QUAD MICOPOWER RAIL TO RAIL CMOS OPERATIOANAL AMPLIFIER
More results

Similar Description - ALD4701B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
Rail-to-rail CMOS quad operational amplifier
06-Nov-2012
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com