Electronic Components Datasheet Search
  English  ▼

X  

ALD4701DB Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD4701DB
Description  QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4701DB Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD4701DB Datasheet HTML 1Page - Advanced Linear Devices ALD4701DB Datasheet HTML 2Page - Advanced Linear Devices ALD4701DB Datasheet HTML 3Page - Advanced Linear Devices ALD4701DB Datasheet HTML 4Page - Advanced Linear Devices ALD4701DB Datasheet HTML 5Page - Advanced Linear Devices ALD4701DB Datasheet HTML 6Page - Advanced Linear Devices ALD4701DB Datasheet HTML 7Page - Advanced Linear Devices ALD4701DB Datasheet HTML 8Page - Advanced Linear Devices ALD4701DB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD4701A/ALD4701B
Advanced Linear Devices
6 of 9
ALD4701
TYPICAL APPLICATIONS
FUNCTION GENERATOR
100K
100K
10K
12
13
14
54K
220K
8
9
7
5
6
100K
100K
10K
1
3
2
27K
.01µF
+2.5V
-2.5V
100K
4
11
0.1µF
Square
Wave
Triangle
Wave
0.002µF
VOUT
-2X GAIN
27K
27K
10
0.002µF
Sine Wave
1/4 ALD4701
1/4 ALD4701
1/4 ALD4701
1/4 ALD4701
Triangle Wave
Square Wave
HIGH INPUT IMPEDANCE RAIL-TO-RAIL PRECISION
DC SUMMING AMPLIFIER
PHOTO DETECTOR CURRENT TO
VOLTAGE CONVERTER
V- = - 2.5V
10M
10M
10M
10M
10M
10M
RIN = 10MΩ Accuracy limited by resistor tolerances and input offset voltage
V+ = +2.5V
0.1µF
0.1µF
VOUT
V- ≤ VIN ≤ V+
V- ≤ VOUT ≤ V+
V1
V4
V3
V2
VOUT = V1 + V2 - V3 - V4
1/4 ALD4701
+
-
+2.5V
-2.5V
RF = 5M
I
PHOTODIODE
VOUT = 1 X RF
RL = 100K
1/4 ALD4701
RAIL-TO-RAIL VOLTAGE FOLLOWER/BUFFER
TRANSCONDUCTANCE AMPLIFIER
-
+
VOUT
5V
0.1µF
0≤ VIN ≤ 5V
VIN
ZIN = 1012Ω
~
1/4 ALD4701
1/4 ALD4701
VIN
RIN = 1012Ω
+5V
RL
R2
VOUT
IOUT
IOUT = VIN
R2
Min
Max
Min
Max
1K
0.0
2.00
0.0
4.00
10K
0.0
2.45
0.0
4.90
RL = R2
VIN
VOUT
RAIL-TO-RAIL WINDOW COMPARATOR
WIEN BRIDGE OSCILLATOR (RAIL-TO-RAIL)
SINE WAVE GENERATOR
10K
10K
10K
+5V
-5V
.01µF
C = .01µF
R = 10K
1/4 ALD4701
f =
1
= 1.6KHZ
2πRC
~~
VOUT
+5V
+
-
+
-
VIN
100K
100K
VREF (HIGH)
VREF (LOW)
3
2
5
6
8
4
1
7
1/4 74 C00
1/4 ALD4701
1/4 ALD4701
VOUT
VOUT (LOW) for VREF (LOW) < VIN < VREF (HIGH)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com