Electronic Components Datasheet Search
  English  ▼

X  

1NH42 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1NH42
Description  SWITCHING TYPE POWER SUPPLY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1NH42 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1NH42 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1NH42 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
1NH41
=1000V
75
1000
850
400
10
1.3
1NH42
1000
33(60Hz)
30(50Hz)
1000V
1.0A
1NH41 THRU 1NH42
SWITCHING TYPE POWER SUPPLY APPLICATIONS
Reverse Recovery Time
Average Forward Current
Repetitive Peak Reverse Voltage
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D
D
D
C/W
=1A
F
V
fr
rr
RRM
Peak Forward Voltage
CHARACTERISTIC
A
1.0
RATING
CHARACTERISTIC
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
Average Forward Current
Peak One Cycle Surge Forward
Current(Non-Repetitive)
Junction Temperature
Storage Temperature Range
V RRM
I
F(AV)
I
FSM
T j
Tstg
V
A
-40~150
-40~150
°C
°C
Repetitive Peak Reverse Current
Reverse Recvery Time
Forward Recovery Time
Thermal Resistance
SYMBOL
V
FM
I
t
t
R
th(j a)
TEST CONDITION
FM
=1.0A
RRM
I
,
di/dt=-30A/us
=1A
F
I
Junction to Ambient
MIN
TYPE
MAX
UNIT
-
-
-
-
-
-
-
-
-
-
V
uA
ns
ns
°
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
1NH41
98
400
10
1.3
1NH42


Similar Part No. - 1NH42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1NH42 TOSHIBA-1NH42 Datasheet
146Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
More results

Similar Description - 1NH42

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
05NH46 TOSHIBA-05NH46 Datasheet
147Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1GH45 TOSHIBA-1GH45 Datasheet
143Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
1JH46 TOSHIBA-1JH46 Datasheet
145Kb / 2P
FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
3DL41A TOSHIBA-3DL41A Datasheet
140Kb / 2P
EPITAXIAL JUNCTION TYPE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
3DU41 TOSHIBA-3DU41 Datasheet
155Kb / 3P
SILICON DIFFUSED TYPE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
3GH45 TOSHIBA-3GH45 Datasheet
143Kb / 2P
SILICON DIFFUSED TYPE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
3GU41 TOSHIBA-3GU41 Datasheet
154Kb / 2P
SILICON DIFFUSED TYPE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
3JH45 TOSHIBA-3JH45 Datasheet
143Kb / 2P
SILICON DIFFUSED TYPE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
logo
Shenzhen Taychipst Elec...
1DL41A TAYCHIPST-1DL41A Datasheet
4Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATIONS
1NU41 TAYCHIPST-1NU41 Datasheet
5Mb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com