Electronic Components Datasheet Search
  English  ▼

X  

AZD27C21 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # AZD27C21
Description  VOLTAGE REGULATOR ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

AZD27C21 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  AZD27C21 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd AZD27C21 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
27V
1.0W
AZD27C21
VOLTAGE REGULATOR ZENER DIODES
a
1
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
VR, Reverse Voltage (V)
TJ = 25°C
Fig.3 Typical Leakage Characteristics
Fig.2 Typical Junction Capacitance
Fig.1 Power Derating Curve
Fig.4 Typical Forward Characteristics
Fig.5 Typical Zener Characteristics
1
10
100
0.1
1
10
100
IZ, Zener Current (mA)
TJ = 25 to 150 °C
Fig.6
Temperature coefficient as a function of
working current; typical values.
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
VZ, Zener Voltage (V)
TJ = 25°C
0.01
0.1
1
0.4
0.5
0.6
0.7
0.8
0.9
1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com