Electronic Components Datasheet Search
  English  ▼

X  

ALD110808APCL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD110808APCL
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110808APCL Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD110808APCL Datasheet HTML 2Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 3Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 4Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 5Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 6Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 7Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 8Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 9Page - Advanced Linear Devices ALD110808APCL Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ALD110808/ALD110808A/ALD110908/ALD110908A
Advanced Linear Devices
6 of 11
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
DRAIN SOURCE ON CURRENT vs.
OUTPUT VOLTAGE
5
4
3
2
1
0
OUTPUT VOLTAGE (V)
VGS(TH)
VGS(TH)+3
VGS(TH)+2
VGS(TH)+4
VGS(TH)+1
VGS(TH)+5
VDS = +5V
VDS = +1V
VDS = +10V
TA = 25°C
OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
-50
-25
0
25
50
125
100
75
4
3
2
1
0
-1
-2
-3
-4
REPRESENTATIVE UNITS
GATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
-50
-25
0
25
50
125
100
75
500
400
300
200
600
100
0
AMBIENT TEMPERATURE (°C)
IGSS
DRAIN SOURCE ON CURRENT, BIAS
CURRENT vs. AMBIENT TEMPERATURE
GATE AND DRAIN SOURCE VOLTAGE
(VGS = VDS) (V)
5
4
3
2
1
0
70°C
125°C
-25°C
0°C
-55°C
VGS(TH)
VGS(TH)+3
VGS(TH)+2
VGS(TH)+4
VGS(TH)+1
VGS(TH)-1
DRAIN-SOURCE ON CURRENT vs. ON RESISTANCE
ON RESISTANCE (KΩ)
100000
10000
1000
100
10
1
0.1
0.01
10000
0.1
10
1
100
1000
VDS=+0.1V
VDS=+1V
VDS=+5V
VDS=+10V
TA = 25°C
VGS=-4.0V to +5.4V
GATE SOURCE VOLTAGE
vs. ON - RESISTANCE
0.1
1
100
10
1000
10000
+25°C
ON - RESISTANCE (KΩ)
+125°C
VDS
IDS(ON)
D
VGS
S
0.0V ≤ VDS ≤ 5.0V
VGS(TH)
VGS(TH)+3
VGS(TH)+2
VGS(TH)+4
VGS(TH)+1
DRAIN SOURCE ON CURRENT, BIAS
CURRENT vs. AMBIENT TEMPERATURE
GATE AND DRAIN SOURCE VOLTAGE
(VGS = VDS) (V)
100
50
0
Zero Temperature
Coefficient (ZTC)
- 25°C
125°C
+0.8
+0.4
+0.6
+0.2
VGS(TH)
+1.0
VGS(TH)
+0.0
VGS(TH)
VGS(TH)
VGS(TH) VGS(TH)
GATE SOURCE VOLTAGE vs. DRAIN
SOURCE ON CURRENT
DRAIN SOURCE ON CURRENT (µA)
0.1
1
100
10
1000
10000
VDS = 0.5V
TA = +125°C
VDS = 0.5V
TA = +25°C
VDS = 5V
TA = +25°C
VDS = 5V
TA = +125°C
S
VDS = RON • IDS(ON)
VGS(TH)
VGS(TH)+3
VGS(TH)+2
VGS(TH)+4
VGS(TH)+1
VGS(TH)-1
VDS
IDS(ON)
D
VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com