Electronic Components Datasheet Search
  English  ▼

X  

ER07D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ER07D
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ER07D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ER07D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ER07D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER07A THRU ER07J
50V-600V
1.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
·
·
·
·
·
SURFACE MOUNT RECTIFIER
Glass passivated device
Ideal for surface mounted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
℃/10 seconds at terminals
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.01 gram
Mounting position: Any
SOD-123FL
ER
07A
ER
07C
ER
07D
ER
07E
ER
07G
ER
07H
ER
07J
VRRM
50
150
200
300
400
500
600
V
VRMS
35
105
140
210
280
350
420
V
VDC
50
150
200
300
400
500
600
V
trr
ns
Tj
℃
TSTG
℃
NOTES:1.Pulse test:300ms pulse width,1% duty cycle.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
µA
at rated DC blocking voltage @TA=125℃
5.0
150
VF
0.95
1.25
1.7
70
100
Maximum recurrent peak reverse voltage
35
1.0
20
Maximum average forward
rectified current
TA=65℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
UNITS
A
V
100
A
I(AV)
ER
07B
Maximum reverse recovery time (NOTE 2)
Maximum RMS voltage
Maximum DC blocking voltage
Operating temperature range
Storage temperature range
on rated load
TL=25℃
- 55 --- + 150
- 55 --- + 150
Maximum DC reverse current @TA=25℃
IR
Maximum instantaneous (NOTE 1)
forward voltage at 1.0A
Device marking
E1
E2
E3
E4
E5
E6
E7
E8


Similar Part No. - ER07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ER07D BILIN-ER07D Datasheet
235Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
ER07D LUGUANG-ER07D Datasheet
220Kb / 2P
Surface Mount Rectifiers
ER07D LUGUANG-ER07D Datasheet
188Kb / 2P
Surface Mount Rectifiers
logo
Microdiode Semiconducto...
ER07D CHENDA-ER07D Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER07D SUNMATE-ER07D Datasheet
328Kb / 2P
SUFACE MOUNT SUPER FAST RECTIFIER DIODE
More results

Similar Description - ER07D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com