Electronic Components Datasheet Search
  English  ▼

X  

EH301 Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # EH301
Description  EH300/301 EPAD짰 ENERGY HARVESTINGTM MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

EH301 Datasheet(HTML) 2 Page - Advanced Linear Devices

  EH301 Datasheet HTML 1Page - Advanced Linear Devices EH301 Datasheet HTML 2Page - Advanced Linear Devices EH301 Datasheet HTML 3Page - Advanced Linear Devices EH301 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EH300/EH300A/EH301/EH301A
Rev 2.1 ©2012 Advanced Linear Devices, Inc.
2 of 4
VH
VL
t1
t3
t2
t4
+V
EH300/EH301 Waveforms
VH
VL
VP
t1
t3
t2
t4
VH
VL
t1
t3
t2
t4
VR
ENVIRONMENTAL SPECIFICATIONS
• Leadfree (ROHS) compliant
• Operating Temperature Range: 0 to 70
° C
• Max. Average Operating Temperature : 50
° C
• Storage Temperature: -40 to +85
° C
• Humidity: To 90% (no condensation)
• Protection: Conformal and Epoxy coated
FUNCTIONAL DESCRIPTION
The EH300/EH301 Series module's voltage on the onboard
storage capacitor bank is +V, which is also the positive sup-
ply voltage switched to power the output power load. Ini-
tially, +V voltage on an EH300/EH301 Series module starts
at 0.0V. During the initial charge period, +V starts charging
from 0.0V. The module's internal circuit monitors and de-
tects this +V voltage. When +V reaches VH, the module
output (VP) is enabled and turned to the ON state and is
then able to supply power to a power load, such as a micro-
processor and/or a sensor circuit. The amount of useful en-
ergy available is a function of the capacity of the storage
capacitor bank. Meanwhile, an EH300/EH301 Series mod-
ule continues to accumulate any energy generated by ex-
ternal energy sources. If external energy input availability is
high, output VP remains in an ON state continuously, until
such time that external energy availability is lower than the
power demand required by the power load. As external en-
ergy input exceeds power loading, +V increases until inter-
nal voltage clamp circuits limit it to a maximum clamp volt-
age.
During normal operation, as power is drawn from an EH300/
EH301 Series module, +V decreases in voltage. When +V
reaches VL, output VP switches to an OFF state and stops
supplying any further power to the power load. With built-in
hysteresis circuits within the module, VP now remains in the
OFF state, even when the external energy source starts
charging the capacitor bank again by importing fresh new
impulses of electrical energy. Once VH level is reached again,
output VP is then turned to the ON state again. Hence +V
voltage cycles between VH to VL voltage levels and then to
the OFF state. When in the ON state, VP can supply up to
1A of current for a limited time period as determined by the
stored useful energy and the energy demand by the power
load. An optional input/ouput pin VR functions as VP on/off
control (external input through 1K
Ω) or as READY logical
control (output) signal preceeding output VP switching.
Input energy charging times t1 and t2 are limited by input
energy available minus energy loss by an EH300/EH301
Series module. The energy output time period t3 is deter-
mined by the rate of energy used by the power load as a
function of energy stored. Low input energy hold time t4 is
typically many orders of magnitude greater than the sum of
t1, t2 and t3.
INITIAL SETUP & CALIBRATION
EH300/EH301 Series modules are setup and calibrated
at the factory to standard specifications and settings.
No user setup is required. Optional user control signal
and connection to external capacitor or battery storage
banks are available at the output port. All EH300/EH301
Series modules are shipped ready to use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com