Electronic Components Datasheet Search
  English  ▼

X  

SOD1F2 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SOD1F2
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SOD1F2 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SOD1F2 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SOD1F2 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD1F1 THRU SOD1F10
100V-1000V
1.0A
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
Glass passivated device
Ideal for surface mouted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
℃/10 seconds at terminals
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.01 gram
Mounting position: Any
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
SOD1F2 SOD1F4 SOD1F6 SOD1F8 SOD1F10
FD
FG
FJ
FK
FM
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
RjθA
K/W
trr
250
ns
Tj
℃
TSTG
℃
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
3.Measured with IF=0.5A, IR=1A, Irr=0.25A.
70
100
- 55 --- + 150
25
Maximum recurrent peak reverse voltage
Device marking code
UNITS
FB
A
100
A
I(AV)
1.0
SOD1F1
Maximum reverse recovery time (NOTE 3)
Maximum RMS voltage
Maximum DC blocking voltage
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
Typical thermal resistance
(NOTE 2)
150
500
- 55 --- + 150
SURFACE MOUNT RECTIFIER


Similar Part No. - SOD1F2

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SOD1F2 BILIN-SOD1F2 Datasheet
109Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SOD1F2 LUGUANG-SOD1F2 Datasheet
197Kb / 3P
Surface Mount Rectifiers
logo
Microdiode Semiconducto...
SOD1F2 CHENDA-SOD1F2 Datasheet
613Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SOD1F2 SUNMATE-SOD1F2 Datasheet
356Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
SOD1F2 BILIN-SOD1F2 Datasheet
197Kb / 3P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - SOD1F2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com