Electronic Components Datasheet Search
  English  ▼

X  

PC16552D Datasheet(PDF) 6 Page - Texas Instruments

Part # PC16552D
Description  PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PC16552D Datasheet(HTML) 6 Page - Texas Instruments

Back Button PC16552D Datasheet HTML 2Page - Texas Instruments PC16552D Datasheet HTML 3Page - Texas Instruments PC16552D Datasheet HTML 4Page - Texas Instruments PC16552D Datasheet HTML 5Page - Texas Instruments PC16552D Datasheet HTML 6Page - Texas Instruments PC16552D Datasheet HTML 7Page - Texas Instruments PC16552D Datasheet HTML 8Page - Texas Instruments PC16552D Datasheet HTML 9Page - Texas Instruments PC16552D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
30 AC Electrical Characteristics TA e 0 Cto a70 C VDD ea5V g10% (Continued)
Symbol
Parameter
Conditions
Min
Max
Units
TRANSMITTER
tHR
Delay from WR (WR THR)
40
ns
to Reset Interrupt
tIR
Delay from RD (RD IIR) to Reset
40
ns
Interrupt (THRE)
tIRS
Delay from Initial INTR Reset
824
BAUDOUT
to Transmit Start
Cycles
tSI
Delay from Initial Write to Interrupt
(Note 1)
16
24
BAUDOUT
Cycles
tSTI
Delay from Start to Interrupt (THRE)
(Note 1)
8
BAUDOUT
Cycles
tSXA
Delay from Start to TXRDY Active
8
BAUDOUT
Cycles
tWXI
Delay from Write to TXRDY Inactive
25
ns
MODEM CONTROL
tMDO
Delay from WR (WR MCR)
40
ns
to Output
tRIM
Delay to Reset Interrupt from
78
ns
RD (RD MSR)
tSIM
Delay to Set Interrupt from MODEM Input
40
ns
Note 1
This delay will be lengthened by 1 character time minus the last stop bit time if the transmitter interrupt delay circuit is active (See FIFO Interrupt Mode
Operation)
40 Timing Waveforms All timings are referenced to valid 0 and valid 1
External Clock Input (24 MHz Max)
TLC9426 – 2
AC Test Points
TLC9426 – 3
Note 2
The 24V and 04V levels are the voltages that the inputs are driven to during AC testing
Note 3
The 20V and 08V levels are the voltages at which the timing tests are made
BAUDOUT Timing
TLC9426 – 4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com