Electronic Components Datasheet Search
  English  ▼

X  

CXA1685M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1685M
Description  High-Speed Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1685M Datasheet(HTML) 5 Page - Sony Corporation

  CXA1685M Datasheet HTML 1Page - Sony Corporation CXA1685M Datasheet HTML 2Page - Sony Corporation CXA1685M Datasheet HTML 3Page - Sony Corporation CXA1685M Datasheet HTML 4Page - Sony Corporation CXA1685M Datasheet HTML 5Page - Sony Corporation CXA1685M Datasheet HTML 6Page - Sony Corporation CXA1685M Datasheet HTML 7Page - Sony Corporation CXA1685M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXA1685M
VQ vs IIN
140
150
160
170
180
190
200
f–3dBQ vs VEE
Ta = –40°C
Ta = 25°C
Ta = 85°C
140
150
160
170
180
190
200
f–3dBQ vs Ta
VCC – VEE = 5.0V
VCC – VEE = 5.5V
140
150
160
170
180
190
200
f–3dBQ vs Ta
VCC – VEE = 4.7V
VCC – VEE = 5.0V
VCC – VEE = 5.5V
140
150
160
170
180
190
200
f–3dBQ vs VCC–VEE
Ta = –40°C
Ta = 25°C
Ta = 85°C
–4.5
–1
–1.5
–2
–2.5
–3
–3.5
–4
VQ vs IIN
Ta = 85°C
Ta = 25°C
Ta = –40°C
–4.5
–1
–1.5
–2
–2.5
–3
–3.5
–4
–4.6
VEE [V]
–5.6
–5.4
–5.2
–5.0
–4.8
100
Ta [°C]
–50
–25
0
25
50
75
100
Ta [°C]
–50
–25
0
25
50
75
–4.6
VEE [V]
–5.6
–5.4
–5.2
–5.0
–4.8
IIN [µA]
0
200
50
100
150
200
IIN [µA]
0
50
100
150
Ta = 85°C
Ta = 27°C
Ta = –40°C
VCC – VEE = 4.7V
©



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com