Electronic Components Datasheet Search
  English  ▼

X  

LPC4315 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC4315
Description  First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4315 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC4315 Datasheet HTML 1Page - NXP Semiconductors LPC4315 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
First asymmetrical, dual-core digital signal
controller featuring Cortex-M4 & Cortex-M0
Key features
`
` 180`MHz,`32-bit`ARM`Cortex-M4
`
` 180`MHz,`32-bit`ARM`Cortex-M0`coprocessor
`
` Up`to`1`MB`dual-bank`Flash
`
` Up`to`264`KB`SRAM
`
` Up`to`4`KB`EEPROM
`
` Memory`Protection`Unit`(MPU)
`
` `Two`high-speed`USB`2.0`interfaces,`with`on-chip`high-speed`PHY
`
` 10/100T`Ethernet`MAC`with`MII`and`RMII`interfaces
`
` LCD`controller`with`1024`x`768`pixel`display`resolution
`
` Innovative`Quad`SPI`Flash`Interface`(SPIFI)
`
` State`Configurable`Timer`(SCT)`Subsystem
`
` Configurable`Serial`GPIO
`
` Two`CAN`2.0B`
`
` AES`Decryption`with`128-bit`secure`OTP`key`storage
`
` Up`to`164`GPIO`
`
` Pin-compatible`with`the`LPC1800`series
Additional features
`
` 8-channel`GPDMA`controller
`
` Two`8-channel,`400`Ksps`10-bit`ADCs`and`one`10-bit`DAC
`
` Motor`Control`PWM`and`Quadrature`Encoder`Interface
`
` Four`UARTs,`smart`card`interface
A`dual-core`architecture`and`a`unique`set`of`configurable`peripherals`make`it`possible`to`develop`
DSP`and`MCU`applications`within`a`single`architecture`and`development`environment.`
`
` Two`Fast-mode`I2C,`two`I2S,`three`SSP/SPI
`
` Temperature`range:`–40`to`+85`ºC
`
`
High Performance and Lower Power
Combined`with`large`accelerated`Flash`and`SRAM`memories`
and`a`set`of`unique`configurable`peripherals,`the`150`MHz`
LPC4300`enables`customers`to`develop`a`wide`range`of`
applications`such`as`motor`control,`power`management,`
industrial`automation,`robotics,`medical,`automotive`
accessories`and`embedded`audio.`
Combining MCU and DSP capabilities
The`Cortex-M4`processor`combines`the`benefits`of`a`
microcontroller`–`integrated`interrupt`control,`low`power`
modes,`low`cost`debug`and`ease`of`use`–`with`high-
performance`digital`signal`processing`features`such``
as`single-cycle`MAC,`single`instruction`multiple`data`(SIMD)`
techniques,`saturating`arithmetic,`and`a`floating`point`unit.`
A`Cortex-M0`coprocessor`offloads`many`of`the`data`movement`
and`I/O`handling`duties`that`can`drain`the`bandwidth`of`the`
Cortex-M4`core.`This`allows`the`Cortex-M4`to`concentrate`fully`
on`crunching`numbers`for`digital`signal`control`applications.
NXP 180 MHz, 32-bit
Cortex-M4 /Cortex-M0 DSC
LPC4300 series


Similar Part No. - LPC4315

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4315 NXP-LPC4315 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC4315JBD144 NXP-LPC4315JBD144 Datasheet
70Kb / 11P
Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
LPC4315JBD144 NXP-LPC4315JBD144 Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC4315JET100 NXP-LPC4315JET100 Datasheet
70Kb / 11P
Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
LPC4315JET100 NXP-LPC4315JET100 Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
More results

Similar Description - LPC4315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9160 ETC2-ISD9160 Datasheet
469Kb / 23P
ISD Cortex-M0 ChipCorder
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
ISD Cortex-M0 ChipCorder
NUC505DL13Y ETC2-NUC505DL13Y Datasheet
2Mb / 110P
Cortex-M4
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
NUC200 NUVOTON-NUC200 Datasheet
1Mb / 100P
ARM짰 Cortex??M0 core
NUC230 NUVOTON-NUC230 Datasheet
2Mb / 97P
ARM짰 Cortex??M0 core
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
ISD Cortex??M0 ChipCorder
logo
Princeton Technology Co...
PT32M622 PTC-PT32M622 Datasheet
271Kb / 4P
ARM 짰 Cortex??M0 Micro Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com