Electronic Components Datasheet Search
  English  ▼

X  

SN74AS856 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AS856
Description  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS856 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS856 Datasheet HTML 1Page - Texas Instruments SN74AS856 Datasheet HTML 2Page - Texas Instruments SN74AS856 Datasheet HTML 3Page - Texas Instruments SN74AS856 Datasheet HTML 4Page - Texas Instruments SN74AS856 Datasheet HTML 5Page - Texas Instruments SN74AS856 Datasheet HTML 6Page - Texas Instruments SN74AS856 Datasheet HTML 7Page - Texas Instruments SN74AS856 Datasheet HTML 8Page - Texas Instruments SN74AS856 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54AS856, SN74AS856
8BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
SDAS032A − DECEMBER 1983 − REVISED MARCH 1985
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
absolute maximum ratings over free-air temperature range
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: All inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS856
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS856
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS856
SN74AS856
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
A1-A8, B1-B8
−12
−15
mA
IOH
High-level output current
Q8
−2
−2
mA
IOL
Low-level output current
A1-A8, B1-B8
32
48
mA
IOL
Low-level output current
Q8
20
20
mA
fclock
Clock frequency
0
45
0
50
MHz
tw
Duration of clock pulse
11
10
ns
tsu
Setup time before CLK
↑
A1-A8, B1-B8 SERIN
5.5
5.5
ns
tsu
Setup time before CLK
↑
OEB, OEA, MODE
5.5
5.5
ns
th
Hold-time, data after CLK
↑
A1-A8, B1-B8 SERIN
0
0
ns
th
Hold-time, data after CLK
↑
OEB, OEA, MODE
0
0
ns
TA
Operating free-air temperature
−55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com