Electronic Components Datasheet Search
  English  ▼

X  

SN74AS877 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS877
Description  8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS877 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS877 Datasheet HTML 1Page - Texas Instruments SN74AS877 Datasheet HTML 2Page - Texas Instruments SN74AS877 Datasheet HTML 3Page - Texas Instruments SN74AS877 Datasheet HTML 4Page - Texas Instruments SN74AS877 Datasheet HTML 5Page - Texas Instruments SN74AS877 Datasheet HTML 6Page - Texas Instruments SN74AS877 Datasheet HTML 7Page - Texas Instruments SN74AS877 Datasheet HTML 8Page - Texas Instruments SN74AS877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54AS877, SN74AS877
8BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
SDAS234 − D2661, DECEMBER 1982 − REVISED AUGUST 1985
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
1985, Texas Instruments Incorporated
1
• Package Options Include Plastic Small
Outline Packages, Both Plastic and
Ceramic Chip Carriers, and Standard
Plastic and Ceramic 300-mil DIPs
• Buffered 3-State Outputs Drive Bus Lines
Directly
• Cascaded to n-Bits
• Eight Selectable Transceiver/Port
Functions:
A to B or B to A
Register to A or Register to B
Shifted to A or Shifted to B
Off-Line Shifts (A and B Ports in
High-Impedance State)
Register Clear
• Particularly Suitable for Use in Signature
Analysis Circuitry
• Serial Register Provides:
Parallel Storage of Either A or B Input
Data
Serial Transmission of Data from Either
A or B Port
• Dependable Texas Instruments Quality and
Reliability
description
The ’AS877 features two 8-bit I/O ports (A1-A8
and B1-B8), an 8-bit parallel-load, serial-in,
parallel-out shift register, and control logic. With
these
features,
this
device
is
capable
of
performing eight selectable transceiver or port
functions, depending on the state of the three
select lines S0, S1, and S2. These functions
include: transferring data from port A to port B or
vice
versa
(i.e.,
the
transceiver
function),
transferring data from the register to either port,
serial shifting data to either port, performing off-line shifts (with A and B ports in high-impedance state), and
clearing the register. Synchronous parallel loading of the internal register can be accomplished from either port
on the positive transition of the clock while serially shifting data in via the SERIN input. The ’AS877 is ideally
suited for applications needing signature-analysis circuitry to enhance system verification and/or fault analysis.
All serial data is shifted right. All outputs are buffer-type outputs designed specifically to drive bus lines directly
and all are 3-state except for Q8, which is a totem-pole output.
The SN54AS877 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74AS877 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
S0
S1
S2
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLK
SERIN
B1
B2
B3
B4
B5
B6
B7
B8
Q8
SN54AS877 . . . JT PACKAGE
SN74AS877 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
B1
B2
B3
NC
B4
B5
B6
A1
A2
A3
NC
A4
A5
A6
4
15 16 17 18
SN54AS877 . . . JT PACKAGE
SN74AS877 . . . DW OR NT PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS877

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS873A TI-SN74AS873A Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873A TI2-SN74AS873A Datasheet
361Kb / 15P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED AUGUST 1995
SN74AS873ADW TI-SN74AS873ADW Datasheet
121Kb / 8P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ADW TI-SN74AS873ADW Datasheet
138Kb / 9P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ADWR TI-SN74AS873ADWR Datasheet
138Kb / 9P
DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS877

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
8-Bit Universal Bus Register
logo
NXP Semiconductors
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY74FCT2245T TI-CY74FCT2245T Datasheet
66Kb / 7P
8-Bit Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
8-Bit Registered Transceiver
logo
Texas Instruments
SN74AS856 TI1-SN74AS856 Datasheet
133Kb / 9P
8-BIT UNIVERSAL TRANSCEIVER PORT CONTROLLERS
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
8-Bit Micro controllers
logo
List of Unclassifed Man...
IR33Z9MR20 ETC2-IR33Z9MR20 Datasheet
370Kb / 2P
IR33 Universal Electronic Controllers
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com