Electronic Components Datasheet Search
  English  ▼

X  

SFM31 Datasheet(PDF) 2 Page - Formosa MS

Part # SFM31
Description  3.0A Surface Mount Super Fast Rectifiers-50-600V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM31 Datasheet(HTML) 2 Page - Formosa MS

  SFM31 Datasheet HTML 1Page - Formosa MS SFM31 Datasheet HTML 2Page - Formosa MS SFM31 Datasheet HTML 3Page - Formosa MS SFM31 Datasheet HTML 4Page - Formosa MS SFM31 Datasheet HTML 5Page - Formosa MS SFM31 Datasheet HTML 6Page - Formosa MS SFM31 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Mechanical data
•
• Case : Molded plastic,
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.19 gram
Epoxy:UL94-V0 rated flame retardant
DO-214AB / SMC
Package outline
Page 2
Chip Silicon Rectifier
Formosa MS
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
• Superfast recovery time for switching mode application.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen free parts, ex. SFM31-H.
•
•
•
•
•
•
SFM31 THRU SFM38
3.0A Surface Mount Super
Fast Rectifiers-50-600V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
O
Ambient temperature = 50 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
3.0
100
5.0
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
45
100
SFM31
SFM32
SFM33
50
100
150
35
70
105
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =3.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
SFM34
SFM35
200
300
140
210
1.70
-55 to +150
SFM36
SFM37
400
500
280
350
35
50
100
150
200
300
400
500
0.95
1.25
SFM38
600
600
420
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
0.272(6.9)
0.248(6.3)
0.012(0.3) Typ.
0.189(4.8)
0.165(4.2)
0.098(2.5)
0.075(1.9)
0.048 (1.2) Typ.
0.048(1.2) Typ.
Dimensions in inches and (millimeters)
SMC
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
DS-121405
2008/02/10
2010/03/10
D
7
t
rr
(ns)
*5
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com