Electronic Components Datasheet Search
  English  ▼

X  

PT7713 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7713
Description  20-A Low-Voltage Programmable Integrated Switching Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7713 Datasheet(HTML) 2 Page - Texas Instruments

  PT7713 Datasheet HTML 1Page - Texas Instruments PT7713 Datasheet HTML 2Page - Texas Instruments PT7713 Datasheet HTML 3Page - Texas Instruments PT7713 Datasheet HTML 4Page - Texas Instruments PT7713 Datasheet HTML 5Page - Texas Instruments PT7713 Datasheet HTML 6Page - Texas Instruments PT7713 Datasheet HTML 7Page - Texas Instruments PT7713 Datasheet HTML 8Page - Texas Instruments PT7713 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT7710 Product Family Comparison
Input
Adjust
Output
Product
Voltage
Description
Method
Range
PT7711
5V
VID
5-Bit
1.3V– 3.5V
PT7712
3.3V
VID
4-Bit
1.3V– 2.05V
PT7713
3.3V
VID
4-Bit
1.8V– 2.55V
PT7714
3.3V
VID
5-Bit
0.8V–1.575V
PT7715
5V
VID
5-Bit
1.075V–1.85V
PT7716
3.3V
VID
5-Bit
1.075V–1.85V
PT7744
3.3V
Booster
—
—
PT7745
5V
Booster
—
—
PT7716—3.3V
20-A- Low-Voltage Programmable
Integrated Switching Regulator
Programming Information
VID4=1
VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1111
1.075V
1.475V
1110
1.100V
1.500V
1101
1.125V
1.525V
1100
1.150V
1.550V
1011
1.175V
1.575V
1010
1.200V
1.600V
1001
1.225V
1.625V
1000
1.250V
1.650V
0111
1.275V
1.675V
0110
1.300V
1.700V
0101
1.325V
1.725V
0100
1.350V
1.750V
0011
1.375V
1.775V
0010
1.400V
1.800V
0001
1.425V
1.825V
0000
1.450V
1.850V
Logic 0 = Pin 12 potential (Rem Sense Gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID4 may not be changed while the unit is operating.
Specifications (Unless otherwise stated, Ta =25°C, Vin =3.3V, Cin =1,500µF, Cout =330µF, Vo =1.8V, and Io =Iomax)
PT7716
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +25°C, Natural convection
0.1 (1)
—20
A
Ta = +60°C, 200 LFM, pkg N
0.1 (1)
—16
Input Voltage Range
Vin
Over Io range
3.1
—
3.6
V
Set-Point Voltage Tolerance
Vo tol
—
±10
±25 (2)
mV
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤+85°C, Io =Iomin
—
±0.75—
%Vo
Line Regulation
∆Regline
Over Vin range
—
±5±10
mV
Load Regulation
∆Regload
Over Io range
—
±5±10
mV
Total Output Voltage Variation
∆Vo tot
Includes set-point, line, load
—
±1±3%Vo
–40°C
≤Ta ≤+85°C
Efficiency
η
Io =10A
Vo = 1.8V
—
88
—
Vo = 1.5V
—
85
—
%
Vo = 1.2V
—
83
—
Io =20A
Vo = 1.8V
—
84
—
Vo = 1.5V
—
81
—
%
Vo = 1.2V
—
77
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
35—
mVpp
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
—
50
—
µSec
Vos
Vo over/undershoot
—
±100
—
mV
Short Circuit Threshold
Isc(pk)
Reset followed by auto-recovery
—
32
—
A
Switching Frequency
ƒo
Over Vin range
300
350
400
kHz
STBY* Input Requirements
Input High Voltage
VIH
Referenced to GND
2.0
—
Open (3)
V
Input Low Voltage
VIL
–0.2
—
0.8
Input Low Current
IIL
Pin 5 to GND
—
0.3
—
mA
Standby Input Current
Iin standby
Pin 5 to GND
—
30
—
mA
External Capacitance
Cout
330 (4)
—
15,000
µF
Operating Temperature Range
Ta
Over Vin Range
–40
—
+85 (5)
°C
Storage Temperature
Ts
—
–40
—
+125°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
—
500
—
G’s
Mechanical Vibration
Through-hole
—
20 (6)
—
G’s
Mil-STD-883D, 20-2000 Hz
SMT
—
15 (6)
—
Weight
—
Vertical/Horizontal
—
36
—
grams
Flammability
—
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) If the remote sense ground is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
(3) The STBY* control (pin 5) has an internal pull-up. If it is left open-circuit, the module will operate when input power is applied.
(4) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See safe Operating Area curves or consult factory for the appropriate derating.
(6) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
External Capacitors: The PT7716 require a minimum output capacitance of 330µF for proper operation. The PT7716 also requires an input capacitance of 1500µF,
which must be rated for a minimum of 1.4Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required. For further
information refer to the application note regarding capacitor selection for this product.
Input Filter: An input filter inductor is optional for most applications. The inductor must be sized to handle 15ADC with a typical value of 1µH.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com