Electronic Components Datasheet Search
  English  ▼

X  

PTB48540CAS Datasheet(PDF) 2 Page - Texas Instruments

Part # PTB48540CAS
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540CAS Datasheet(HTML) 2 Page - Texas Instruments

  PTB48540CAS Datasheet HTML 1Page - Texas Instruments PTB48540CAS Datasheet HTML 2Page - Texas Instruments PTB48540CAS Datasheet HTML 3Page - Texas Instruments PTB48540CAS Datasheet HTML 4Page - Texas Instruments PTB48540CAS Datasheet HTML 5Page - Texas Instruments PTB48540CAS Datasheet HTML 6Page - Texas Instruments PTB48540CAS Datasheet HTML 7Page - Texas Instruments PTB48540CAS Datasheet HTML 8Page - Texas Instruments PTB48540CAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For technical support and further information visit http://power.ti.com
Ordering Information
Package Options (PTB48540x
❒❒)
Code
Description
Pkg Ref. (1)
AH
Horiz. T/H
(EUP)
AS
SMD, Standard (2)
(EUQ)
Output Voltage (PTB48540
❒xx)
Code
Voltage
A5 V
B
3.3 V
C
12 V
Notes:
(1) Reference the applicable package reference drawing for the dimensions and PC board layout
(2) “Standard” option specifies 63/37, Sn/Pb pin solder material.
Pin Descriptions
–VOUT:
This is the negative output from the module, with
respect to +Vout. Both the +Vout and –Vout terminals are
isolated from the Ethernet input, and used to power the
PD appliance. When this pin is connected to the PD appli-
ance common, a positive supply voltage is produced at
+Vout.
VOUT Adj:
By connecting a single resistor to this pin, the
regulated output voltage may be adjusted/trimmed by up
to ±10 % from the original set-point value. If no adjust-
ment is desired, this pin should be left open circuit.
+VOUT:
This is the positive output from the module with
respect to –Vout, and is used to power the PD appliance.
By connecting this pin to the PD appliance common, a
negative supply voltage will be produced at –Vout.
Input Ref:
This pin provides access to the –Vin of the
internal DC/DC converter, and is the 0-VDC reference
for the ‘Output Inhibit’ control.
Detect A:
This is a control input that is normally left open
circuit. The module incorporates an internal 24.9-k
Ω
resistor, between the ‘Detect A’ and ‘Detect B’ pins. This
provides the PD with a correct “valid device” detection
resistance for the PSE. By placing an external resistor
between the ‘Detect A’ and ‘Detect B’ pins (in parallel with
the internal 24.9-k
Ω resistor) the module can be made to
identify itself as a “non-valid device.”
Detect B:
This pin is used in conjunction with the ‘Detect A’
input only when it is desired for the PD to communicate
a “non-valid” device signature to the PSE (see ‘Detect A’
description). ‘Detect B’ is also the rectified DC output from
the module’s internal diode bridges, and represents the
positive DC input to the module’s DC/DC converter.
Connecting an external capacitor between this pin and the
‘Input Ref’ pin (0 V), adds more filter capacitance across
the input of the DC/DC converter.
Data Line A/B:
These are the main inputs from which
the module obtains DC input power from the Ethernet
connector. The connection of these inputs to the Ethernet
connections must be via an IEEE 802.3af compliant signal
tranformer, that is designed for use in a PoE application.
This is necessary to preserve the integrity of the Ethernet
data traffic. Consult the example application for further
information.
Spare Line A/B:
These are alternative inputs from which
the module may obtain DC input power. In a PoE appli-
cation, ‘Spare Line A’ may be directly connected to pins 4
& 5, and ‘Spare Line B’ to pins 7 & 8 of an Ethernet RJ-45
connector. These connections are not used for data trans-
mission.
Class A/B:
The control inputs ‘Class A’ and ‘Class B’ allow
the PD Class to be programmed from the module. The
module incorporates an internal 4.42-k
Ω resistor between
the ‘Class A’ and ‘Class B’ inputs. This corresponds
to a default “Class 0” PD classification signature being
sent to the PSE. By adding an external resistor across
these pins, the module can be programmed to other PD
classifications. For further information, consult the PD
class reference table in the application notes.
Output Inhibit:
This is an open-collector (or open-drain)
negative logic input. Applying a low-level voltage to this
input, with respect to the ‘Input Ref ’ pin, turns off the
DC output voltage from the module. If the pin is left
open-circuit, the module will operate as normal, pro-
ducing an output voltage whenever it is connected to a
valid PoE input source.
PTB48540 Series
10-W Power-Over-Ethernet Isolated
Power Module Assembly
SLTS224B – APRIL 2004 – REVISED JULY 2004
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com