Electronic Components Datasheet Search
  English  ▼

X  

TLC320AD56 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC320AD56
Description  Sigma-Delta Analog Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC320AD56 Datasheet HTML 7Page - Texas Instruments TLC320AD56 Datasheet HTML 8Page - Texas Instruments TLC320AD56 Datasheet HTML 9Page - Texas Instruments TLC320AD56 Datasheet HTML 10Page - Texas Instruments TLC320AD56 Datasheet HTML 11Page - Texas Instruments TLC320AD56 Datasheet HTML 12Page - Texas Instruments TLC320AD56 Datasheet HTML 13Page - Texas Instruments TLC320AD56 Datasheet HTML 14Page - Texas Instruments TLC320AD56 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
1–5
1.5
Terminal Functions
TERMINALS
NAME
NUMBER
I/O
DESCRIPTION
NAME
PT
FN
ALT DATA
25
19
I
Signals on this terminal are routed to DOUT during secondary communication
if phone mode is enabled.
AUXM
38
26
I
Inverting input to auxiliary analog input. AUXM requires an external RC antialias
filter.
AUXP
39
27
I
Noninverting input to auxiliary analog input. Requires an external RC antialias
filter.
AVDD
33
23
I
Analog ADC path supply (5 V only)
DIN
10
11
I
Data input. DIN receives the DAC input data and command information from the
DSP and is synchronized to SCLK.
DOUT
12
12
O
Data output. DOUT transmits the ADC output bits and is synchronized to SCLK.
This terminal is at high-Z when FS is not activated.
DVDD
9
10
I
Digital power supply (5 V or 3 V)
DVSS
26
20
I
Digital ground
FC
21
16
I
Function code. FC is sampled and latched on the rising edge of FS for the primary
serial communication. Refer to the Serial Communications section for more
details.
FLAG 0
23
17
O
Output flag 0. During phone mode, FLAG 0 contains the value set in Control 2
register.
FLAG 1
24
18
O
Output flag 1. During phone mode, FLAG 1 contains the value set in Control 2
register.
FILT
47
3
O
Bandgap filter. FILT is provided for decoupling of the bandgap reference, and
provides 2.5 V to which the analog inputs or outputs can be referenced. The
optimal capacitor value is 0.1
µF (ceramic). This voltage node should be loaded
only with a high-impedance dc load.
FS
13
13
O
Frame sync. When FS goes low, the serial communication port is activated. In
all serial transmission modes, FS is held low during bit transmission. Refer to
section 3 Serial Communications for detailed description.
INM
36
25
I
Inverting input to analog modulator. INM requires an external RC antialias filter.
INP
35
24
I
Noninverting input to analog modulator. INP requires an external RC antialias
filter.
IGAIN
45
1
O
Current gain reference scaling. IGAIN is provided for decoupling of the current
gain reference and provides a 1.35-V reference. The optimal load is a
27-K resistor.
MCLK
17
15
I
Master clock. The master clock derives the internal clocks of the sigma-delta
analog interface circuit.
MONOUT
40
28
O
Monitor output. MONOUT allows for monitoring of the analog input and is a
high-impedance output. The gain or mute is selected using Control 2 register.
OUTM
2
6
O
Inverting current output of the DAC. OUTM is functionally identical with and
complementary to OUTP. OUTM and OUTP current outputs can be loaded with
5 k
Ω differentially or single-ended. This signal can also be used alone for
single-ended operation.
NOTE 1: All digital inputs and outputs are TTL-compatible, unless otherwise noted for DVDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com