Electronic Components Datasheet Search
  English  ▼

X  

TLS1255 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLS1255
Description  VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLS1255 Datasheet(HTML) 3 Page - Texas Instruments

  TLS1255 Datasheet HTML 1Page - Texas Instruments TLS1255 Datasheet HTML 2Page - Texas Instruments TLS1255 Datasheet HTML 3Page - Texas Instruments TLS1255 Datasheet HTML 4Page - Texas Instruments TLS1255 Datasheet HTML 5Page - Texas Instruments TLS1255 Datasheet HTML 6Page - Texas Instruments TLS1255 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLS1255
VIDEO PREAMPLIFIER SYSTEM
WITH ONSCREEN DISPLAY (OSD) MIXER
SLVS142 − DECEMBER 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC1 and VCC2
11
12
13
V
High-level input voltage range, CLAMP GATE, VIH
Clamp comparators off
2.4
5
V
Low-level input voltage range, CLAMP GATE, VIL
Clamp comparators on
0
0.8
V
High-level input voltage range, BLANKING, VIH
Blanking circuit inactive
2.4
5
V
Low-level input voltage range, BLANKING, VIL
Blanking circuit active
0
0.8
V
High-level input voltage range, OSD BLANKING, VIH
OSD Blanking circuit inactive
2.4
5
V
Low-level input voltage range, OSD BLANKING, VIL
OSD Blanking circuit active
0
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics at 25
°C free-air temperature range, CLAMP GATE = COLOR = 0 V;
R,G,B CLAMP(+) = 2 V; BLANKING = OSD BLANKING = 4 V; CONTRAST = R, G, B GAIN
ADJUST = 4 V; VCC1 = VCC2 = 12 V (unless otherwise noted)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
VCC1 + VCC2
110
130
mA
Vref
Video input reference voltage
Measure R,G,B VIDEO_IN voltage
1.6
1.8
2.1
V
IIL
CLAMP GATE low input current
CLAMP GATE = 0 V
− 0.5
−8
µA
IIH
CLAMP GATE high input current
CLAMP GATE = 12 V
0.005
1
µA
Clamp-capacitor charge current
IK(chg)
R,G,B CLAMP CAP = 0 V
850
µA
Clamp-capacitor discharge current
IK(dschg)
R,G,B CLAMP CAP = 5 V
− 850
µA
VOL
Low-level output voltage
R,G,B CLAMP CAP = 0 V
0.2
0.6
V
VOH
High-level output voltage
R,G,B CLAMP CAP = 5 V
6.7
7.6
V
Video output blanked voltage
VO(BLANK)
BLANKING = 0 V;
R,G,B CLAMP(+) = 3 V
0.2
0.35
V
High-level output voltage, OSD
VO(OSD BLANK)
OSD BLANKING = 0 V,
VO(PP)(OSD) = 4 V
0.8
V
Output voltage difference
VODIFF
Between any two channels
50
mV
Spot-killer voltage
VSPOT
VCC adjusted to active
8.2
10.3
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com