Electronic Components Datasheet Search
  English  ▼

X  

TMC57750 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMC57750
Description  1/4-INCH RS-170 TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMC57750 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMC57750 Datasheet HTML 6Page - Texas Instruments TMC57750 Datasheet HTML 7Page - Texas Instruments TMC57750 Datasheet HTML 8Page - Texas Instruments TMC57750 Datasheet HTML 9Page - Texas Instruments TMC57750 Datasheet HTML 10Page - Texas Instruments TMC57750 Datasheet HTML 11Page - Texas Instruments TMC57750 Datasheet HTML 12Page - Texas Instruments TMC57750 Datasheet HTML 13Page - Texas Instruments TMC57750 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TMC57750
1/4-INCH RS-170 TIMER
SOCS041 – JUNE 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
LQFP
PLASTIC QUAD FLATPACK
1/1/95
0,7
0,3
11,90
12,10
48
33
49
64
116
32
17
10,10
9,90
SQ
SQ
0,15
0,27
7,50 TYP
0,125
0,132
1,3
1,6
Seating Plane
0,1
0
°–10°
M
0,08
0,42
0,58
0,18
0,127
0,10
1,70
1,50
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com