Electronic Components Datasheet Search
  English  ▼

X  

TMS37145 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS37145
Description  DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS37145 Datasheet(HTML) 2 Page - Texas Instruments

  TMS37145 Datasheet HTML 1Page - Texas Instruments TMS37145 Datasheet HTML 2Page - Texas Instruments TMS37145 Datasheet HTML 3Page - Texas Instruments TMS37145 Datasheet HTML 4Page - Texas Instruments TMS37145 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TMS37145
SCBS879 – MAY 2012
www.ti.com
Operating Characteristics
Part Number
TMS37145TEAIE, TMS37145TEAIEG
Features
Immobilizer plus microcontroller with integrated power management
DST80 authentication logic
80-bit key length, 4-byte or 5-byte challenge, 3-byte signature
Mutual authentication: 65 ms
DST80 encryption time
Fast authentication: 42 ms
Transponder
Transmission principle
HDX (half duplex telegram protocol)
134.2 kHz
Operating frequency
Integrated resonant frequency trimming capability via LF or test interface
Security
Challenge/response, mutual authentication
Downlink
100% AM, PPM bit coding with 2 kbit/s (typ)
Uplink
FSK modulation with 7.9 kbit/s (typ)
Read time for an encryption
PPM: 60 ms (typ) (including 20-ms charge time)
Read time for mutual authentication
PPM: 85 ms (typ) (including 20-ms charge time)
Protocol transmission security
16-bit block check character
Activation field strength
141.5 dBµA/m
Minimum required operation Q-factor
30
48-byte free available EEPROM user memory
EEPROM memory
75 bytes
32-bit unique serial number
Two 80-bit security keys
EEPROM endurance
200 000 (min) write-erase cycles (TA = 25°C)
Key learn-in
Special selective addressing to provide secure learn-in procedure
Storage temperature
-40°C to 100°C (175°C for 5 minutes)
Operating temperature
-40°C to 85°C
Case material
Plastic
Protection class
IP 68
EMC
Programmed code is not affected by natural electromagnetic interference or X-rays
Mechanical shock
IEC 68-2-27, Test Ea; 200 g, half sine, 3 ms, 6 shocks per axis
Vibration
IEC 68-2-6, Test Fc; 10 to 500 Hz, 1.65 mm peak to peak, 10 g, 4 hours per axis
Dimensions
12.0 mm ± 0.2 mm x 6.0 mm ± 0.2 mm x 3.0 mm ± 0.05 mm
Weight
0.4 g
Packaging
Bulk (2000 units per box)
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TMS37145



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com