Electronic Components Datasheet Search
  English  ▼

X  

DST80 Datasheet(PDF) 1 Page - Texas Instruments

Part # DST80
Description  DIGITAL SIGNATURE TRANSPONDER WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DST80 Datasheet(HTML) 1 Page - Texas Instruments

  DST80 Datasheet HTML 1Page - Texas Instruments DST80 Datasheet HTML 2Page - Texas Instruments DST80 Datasheet HTML 3Page - Texas Instruments DST80 Datasheet HTML 4Page - Texas Instruments DST80 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TMS37145
www.ti.com
SCBS879 – MAY 2012
DIGITAL SIGNATURE TRANSPONDER
WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER
Check for Samples: TMS37145
1
FEATURES
•
Low-Frequency (LF) Immobilizer Interface
–
Fast Mutual Authentication Within 65 ms
–
75-Byte EEPROM
–
75-Byte EEPROM
–
80-Bit DST80 Security Authentication
–
48-Byte Available EEPROM User
Coprocessor
Memory
–
Integrated Batteryless Immobilizer Interface
–
32-Bit Unique Serial Number
–
Half Duplex (HDX) Immobilizer
–
High EEPROM Security and Flexibility
Communication Achieves up to 4-in (10-cm)
–
Write-Only Authentication Keys
Read Range
–
Pages Are Irreversibly Lockable and
–
Special Selective Addressing Mode Allows
Protectable
Reliable Learn-In Sequence
–
Protected Pages Programmable Only
–
80-Bit Authentication Key Length
Through Mutual Authentication
–
Up to 8-kbit/s Uplink Data Rate
–
Each User Page is Lockable
–
5-/3-Byte Challenge/Response Algorithm
–
Resonant Frequency: 134.2 kHz
–
Fast Authentication Within 42 ms
DESCRIPTION
This new generation of security RFID transponder provides the highest level of security with its integrated 80-bit
encryption algorithm. The 5-byte challenge and 3-byte response algorithm is backward compatible with existing
TI products and provides, together with the burst length coding, short encryption telegram times.
The DST80 offers 65 bytes of free programmable user data stored in nine pages, each of them lockable for
programming. Each of the two 80-bit encryption keys with can be programmed with a single telegram.
The DST80 comes in two versions, preprogrammed with either PWM or PPM communication formats, eliminating
the need for the user to change this field.
Ordering Information(1)
COMMUNICATION
TA
PACKAGE(2)
ORDERABLE PART NUMBER
FORMAT
PWM
TMS37145TEAIE
-40°C to 85°C
Wedge
PPM
TMS37145TEAIEG
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
WEDGE PACKAGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DST80

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DST8100S LITTELFUSE-DST8100S Datasheet
885Kb / 3P
Littelfuse DST series Ultra Low VF Schottky Barrier
DST8100S-A LITTELFUSE-DST8100S-A Datasheet
992Kb / 4P
Littelfuse DST series Ultra Low VF Schottky Barrier
logo
Diodes Incorporated
DST847BDJ DIODES-DST847BDJ Datasheet
138Kb / 5P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32035 Rev. 1 - 2
DST847BDJ-7 DIODES-DST847BDJ-7 Datasheet
138Kb / 5P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32035 Rev. 1 - 2
DST847BDJ DIODES-DST847BDJ_15 Datasheet
363Kb / 7P
45V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT-963
Rev 2
More results

Similar Description - DST80

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
1280-Bit EEPROM with SHA-1 Authentication
011206
logo
Texas Instruments
TMS37157 TI-TMS37157 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
logo
ATMEL Corporation
ATA5795 ATMEL-ATA5795 Datasheet
324Kb / 8P
AES-128 Immobilizer Transponder for Use in Contactless Mode
logo
Texas Instruments
TMS37157 TI-TMS37157_11 Datasheet
1Mb / 47P
PASSIVE LOW FREQUENCY INTERFACE DEVICE WITH EEPROM AND 134.2 kHz TRANSPONDER INTERFACE
TMS37126 TI1-TMS37126 Datasheet
490Kb / 10P
REMOTE ACCESS IDENTIFICATION DEVICEWITH INTEGRATED 3D WAKEUP RECEIVER AND IMMOBILIZER INTERFACE
TMS37F158 TI1-TMS37F158 Datasheet
176Kb / 8P
CONTROLLER ENTRY DEVICE WITH INTEGRATED DST80 AUTHENTICATION, EEPROM, AND LF IMMOBILIZER INTERFACE
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
Read/Write LF RFID IDIC Transponder 125KHz
ATA5580 ATMEL-ATA5580_14 Datasheet
1Mb / 39P
125kHz Transponder with Open Immobilizer Software
logo
Melexis Microelectronic...
MLX74190 MELEXIS-MLX74190 Datasheet
493Kb / 14P
Two-Fold High Power LF Initiator With integrated Immobilizer
logo
NXP Semiconductors
PCF7939MA NXP-PCF7939MA Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com