Electronic Components Datasheet Search
  English  ▼

X  

TPIC2801 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC2801
Description  OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2801 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC2801 Datasheet HTML 1Page - Texas Instruments TPIC2801 Datasheet HTML 2Page - Texas Instruments TPIC2801 Datasheet HTML 3Page - Texas Instruments TPIC2801 Datasheet HTML 4Page - Texas Instruments TPIC2801 Datasheet HTML 5Page - Texas Instruments TPIC2801 Datasheet HTML 6Page - Texas Instruments TPIC2801 Datasheet HTML 7Page - Texas Instruments TPIC2801 Datasheet HTML 8Page - Texas Instruments TPIC2801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPIC2801
OCTAL INTELLIGENT POWER SWITCH
WITH SERIAL INPUT
SLIS008 − D3282, AUGUST 1989 − REVISED JUNE 1990
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2−2
logic symbol†
C5
S
6
10
5S
4D
SO
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
9
12
13
14
15
1
2
3
4
17, 2D
6
17
6
3D
5S
4D
9
Z17
VCOMP
[1.8 V]
Z11
VCOMP
Z10
VCOMP
6
[1.8 V]
[1.8 V]
5S
4D
10
6
11, 2D
10, 2D
8, 1D
SI
SCLK
SIOE
RST
7
6
5
11
7C2
7C4
7G8/7EN9
7R
tUD
7
G7
S6
[SER PERIF DRIV]
8C3
SRG8
8C1/8
6
6
† This symbol is in accordance with ANSI/IEEE Std. 91-1984 and IEC Publication 617-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com