Electronic Components Datasheet Search
  English  ▼

X  

MAX7322 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX7322
Description  I2C Port Expander with Eight Push-Pull Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7322 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7322 Datasheet HTML 6Page - Maxim Integrated Products MAX7322 Datasheet HTML 7Page - Maxim Integrated Products MAX7322 Datasheet HTML 8Page - Maxim Integrated Products MAX7322 Datasheet HTML 9Page - Maxim Integrated Products MAX7322 Datasheet HTML 10Page - Maxim Integrated Products MAX7322 Datasheet HTML 11Page - Maxim Integrated Products MAX7322 Datasheet HTML 12Page - Maxim Integrated Products MAX7322 Datasheet HTML 13Page - Maxim Integrated Products MAX7322 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
I2C Port Expander with Eight Push-Pull Outputs
______________________________________________________________________________________
13
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
0.10 C
0.08 C
0.10 M C A B
D
D/2
E/2
E
A1
A2
A
E2
E2/2
L
k
e
(ND - 1) X e
(NE - 1) X e
D2
D2/2
b
L
e
L
C
L
e
C
L
L
C
L
C
PACKAGE OUTLINE
21-0136
2
1
I
8, 12, 16L THIN QFN, 3x3x0.8mm
MARKING
AAAA
EXPOSED PAD VARIATIONS
CODES
PKG.
T1233-1
MIN.
0.95
NOM.
1.10
D2
NOM.
1.10
MAX.
1.25
MIN.
0.95
MAX.
1.25
E2
12
N
k
A2
0.25
NE
A1
ND
0
0.20 REF
-
-
3
0.02
3
0.05
L
e
E
0.45
2.90
b
D
A
0.20
2.90
0.70
0.50 BSC.
0.55
3.00
0.65
3.10
0.25
3.00
0.75
0.30
3.10
0.80
16
0.20 REF
0.25
-
0
4
0.02
4
-
0.05
0.50 BSC.
0.30
2.90
0.40
3.00
0.20
2.90
0.70
0.25
3.00
0.75
3.10
0.50
0.80
3.10
0.30
PKG
REF.
MIN.
12L 3x3
NOM. MAX.
NOM.
16L 3x3
MIN.
MAX.
0.35 x 45
°
PIN ID
JEDEC
WEED-1
T1233-3
1.10
1.25
0.95
1.10
0.35 x 45
°
1.25
WEED-1
0.95
T1633F-3
0.65
T1633-4
0.95
0.80
0.95
0.65
0.80
1.10
1.25
0.95
1.10
0.225 x 45
°
0.95
WEED-2
0.35 x 45
°
1.25
WEED-2
T1633-2
0.95
1.10
1.25
0.95
1.10
0.35 x 45
°
1.25
WEED-2
PACKAGE OUTLINE
21-0136
2
2
I
8, 12, 16L THIN QFN, 3x3x0.8mm
WEED-1
1.25
1.10
0.95
0.35 x 45
°
1.25
1.10
0.95
T1233-4
T1633FH-3
0.65
0.80
0.95
0.225 x 45
°
0.65
0.80
0.95
WEED-2
NOTES:
1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES.
3. N IS THE TOTAL NUMBER OF TERMINALS.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO
JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED
WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE.
5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.20 mm AND 0.25 mm
FROM TERMINAL TIP.
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY.
7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION.
8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS
.
9. DRAWING CONFORMS TO JEDEC MO220 REVISION C.
10. MARKING IS FOR PACKAGE ORIENTATION REFERENCE ONLY.
11. NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY.
12. WARPAGE NOT TO EXCEED 0.10mm.
0.25
0.30
0.35
2
0.25
0
0.20 REF
-
-
0.02
0.05
0.35
8
2
0.55
0.75
2.90
2.90
3.00
3.10
0.65 BSC.
3.00
3.10
8L 3x3
MIN.
0.70
0.75
0.80
NOM. MAX.
TQ833-1
1.25
0.25
0.70
0.35 x 45
°
WEEC
1.25
0.70
0.25
T1633-5
0.95
1.10
1.25
0.35 x 45
°
WEED-2
0.95
1.10
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com