Electronic Components Datasheet Search
  English  ▼

X  

FM22L16 Datasheet(PDF) 4 Page - Ramtron International Corporation

Part # FM22L16
Description  Nonvolatile F-RAM Memory Module (TWR-FRAM)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM22L16 Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM22L16 Datasheet HTML 1Page - Ramtron International Corporation FM22L16 Datasheet HTML 2Page - Ramtron International Corporation FM22L16 Datasheet HTML 3Page - Ramtron International Corporation FM22L16 Datasheet HTML 4Page - Ramtron International Corporation FM22L16 Datasheet HTML 5Page - Ramtron International Corporation FM22L16 Datasheet HTML 6Page - Ramtron International Corporation FM22L16 Datasheet HTML 7Page - Ramtron International Corporation FM22L16 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TWR-FRAM Jumper Options
tower system
Jumper Option
Type
Setting Description
J1
DSPI Voltage
4-pin
1-2
DSPI voltage 1.6V
2-3
DSPI voltage 3.0V
*3-4*
DSPI voltage 1.8V
J2
VTWR Voltage 4-pin
1-2
VTWR voltage 5V
*3-4*
VTWR voltage 3.3V
J32
FM33256B CS
3-pin
*2-3*
Connects pin to SPI CS
1-2
Disconnects pin to SPI CS
J38
FM25V10 CS
3-pin
1-2
Connects pin to SPI CS
*2-3*
Disconnects pin to SPI CS
J8
SPI SCK
6-pin
1-2
Connect to pin B7
*2-3*
Connect to pin B48
4-5
Connect to pin B58
J10
SPI CS
6-pin
1-2
Connect to pin B9
*2-3*
Connect to pin B46
4-5
Connect to pin B47
5-6
Connect to pin B55
J4
SPI MISO
6-pin
1-2
Connect to pin B11
*2-3*
Connect to pin B44
4-5
Connect to pin B56
12 3
65 4
1 2
4 3
12 3
6-pin jumper
4-pin jumper
3-pin jumper
12 3
65 4
1 2
4 3
12 3
6-pin jumper
4-pin jumper
3-pin jumper
12 3
65 4
1 2
4 3
12 3
6-pin jumper
4-pin jumper
3-pin jumper
The following tables show all jumper options available.
The *default* installed jumper settings are shown in the bold
with asterisks. The jumper pin positions are shown below:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com