Electronic Components Datasheet Search
  English  ▼

X  

ICM7712 Datasheet(PDF) 6 Page - IC MICROSYSTEMS

Part # ICM7712
Description  12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7712 Datasheet(HTML) 6 Page - IC MICROSYSTEMS

  ICM7712 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ICM7712
Rev A1.5
ICmic reserves the right to change specifications without prior notice
6
FUNCTION
C3 C2 C1 C0
DATA
D
FUNCTION
0
0
0
0
(D11~D0)
Input loaded into DAC, VO updated
Table 1. Serial Interface Input Word
DETAILED DESCRIPTION
The ICM7712 is a 12-bit voltage output DAC.
This device has a 16-bit input shift register and
the DAC has a double buffered digital input.
This DAC has a guaranteed monotonic behavior
and the operating supply range is from 0.9v to
1.32v.
Reference Input
The reference input accepts positive DC and AC
signals. The voltage at REFIN sets the full-scale
output voltage of the DAC. To determine the
output voltage for any code, use the following
equation.
VOUT = VREF x (D / (2
n))
Where D is the numeric value of DAC’s decimal
input code, VREF is the reference voltage and n
is number of bits, i.e. 12 for ICM7712.
Output Buffer Amplifier
This amplifier has a wide output voltage swing.
The actual swing of the output amplifier will be
limited by offset error and gain error. See the
Applications Information Section for a more
detailed discussion.
The output amplifier can drive a load of 2.0 K Ω
to VDD or GND in parallel with a 500 pF load
capacitance.
The output amplifier has a full-scale typical
settling time of 2 µs and it dissipates about 500
µA with a 1.2V supply voltage.
Serial Interface and Input Logic
This DAC uses a standard 3-wire
connection
compatible with SPI/QSP and Micro wire
interfaces. Data is always
loaded
in
16-bit
words which consist of 4 control bits (MSBs)
followed by 12 bits (see Figure 3).
Serial Data Input
SDI (Serial Data Input) pin is the data input pin
for the DAC. Data is clocked in on the falling
edge of SCK which has a Schmitt trigger
internally to allow for noise immunity on the
SCK pin. This specially eases the use for opto-
coupled interfaces.
The Chip Select pin which is the 3rd
pin of 8
Lead TSSOP package is active low. This pin
frames the input data for synchronous loading
and must be low when data is being clocked into
the part. There is an onboard counter on the
clock input and after the 16th
clock pulse
the data is automatically transferred to a 16-bit
input latch and the 4 bit
control
word
(C3~C0)
is
then
decoded
and
the
appropriate command is performed depending
on the control word (see Table 1). Chip Select
pin must be pulled high (level-triggered) and
back low for the next data word to be loaded in.
This pin also disables the SCK pin internally
when pulled high.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com